Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 82Page - NXP Semiconductors MPC5673K Datasheet HTML 83Page - NXP Semiconductors MPC5673K Datasheet HTML 84Page - NXP Semiconductors MPC5673K Datasheet HTML 85Page - NXP Semiconductors MPC5673K Datasheet HTML 86Page - NXP Semiconductors MPC5673K Datasheet HTML 87Page - NXP Semiconductors MPC5673K Datasheet HTML 88Page - NXP Semiconductors MPC5673K Datasheet HTML 89Page - NXP Semiconductors MPC5673K Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
NXP Semiconductors
86
3.15.2
Read access timing
3.15.3
Write access timing
2
Retention CC Minimum data retention at
85 °C average ambient
temperature2
Blocks with 0–1,000
P/E cycles
20
—
—
years
Blocks with 1,001–10,000
P/E cycles
10
—
—
years
Blocks with 10,001–100,000
P/E cycles
5
—
—
years
1 Typical endurance is evaluated at 25 oC. Product qualification is performed to the minimum specification. For
additional information on the NXP definition of Typical Endurance, please refer to Engineering Bulletin EB619,
Typical Endurance for Nonvolatile Memory.
2 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Table 28. Code flash read access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
1fREAD
CC Maximum frequency for Flash reading
(system clock frequency SYS_CLK)
4 wait states
90
MHz
2
3 wait states
60
MHz
Table 29. Data flash read access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
1fREAD
CC Maximum frequency for Flash reading
(system clock frequency SYS_CLK)
12 wait states
90
MHz
2
8 wait states
60
MHz
Table 30. Code flash write access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
1fWRITE
CC Maximum frequency for Flash writing
(system clock frequency SYS_CLK)
—
90
MHz
Table 27. Flash memory module life (continued)
No.
Symbol
Parameter
Condition
Value
Unit
Min
Typ1
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com