Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 76Page - NXP Semiconductors MPC5673K Datasheet HTML 77Page - NXP Semiconductors MPC5673K Datasheet HTML 78Page - NXP Semiconductors MPC5673K Datasheet HTML 79Page - NXP Semiconductors MPC5673K Datasheet HTML 80Page - NXP Semiconductors MPC5673K Datasheet HTML 81Page - NXP Semiconductors MPC5673K Datasheet HTML 82Page - NXP Semiconductors MPC5673K Datasheet HTML 83Page - NXP Semiconductors MPC5673K Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
NXP Semiconductors
80
3.14
ADC electrical characteristics
The MPC5675K provides a 12-bit Successive Approximation Register (SAR) Analog-to-Digital Converter.
Figure 8. ADC characteristics and error definitions
3.14.1
Input impedance and ADC accuracy
To preserve the accuracy of the A/D converter, it is necessary that analog input pins have low AC impedance. Placing a capacitor
with good high frequency characteristics at the input pin of the device can be effective: the capacitor should be as large as
possible, ideally infinite. This capacitor contributes to attenuating the noise present on the input pin; further, it sources charge
during the sampling phase, when the analog signal source is a high-impedance source.
A real filter can typically be obtained by using a series resistance with a capacitor on the input pin (simple RC filter). The RC
filtering may be limited according to the value of source impedance of the transducer or circuit supplying the analog signal to
be measured. The filter at the input pins must be designed taking into account the dynamic characteristics of the input signal
(bandwidth) and the equivalent input impedance of the ADC itself.
3
Δ
IRCTRIM
CC Internal RC oscillator trimming step
TA = 25 °C
—
1.6
—
%
1 PTF = Post Trimming Frequency: The frequency of the output clock after trimming at typical supply voltage and
temperature.
Table 23. RC oscillator electrical characteristics (continued)
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(2)
( 1)
(3)
(4)
(5)
Offset Error OSE
Offset Error OSE
Gain Error GE
1 LSB (ideal)
Vin(A) (LSBideal)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) Differential non-linearity error (DNL)
(4) Integral non-linearity error (INL)
(5) Center of a step of the actual transfer
curve
code out
4095
4094
4093
4092
4091
4090
5
4
3
2
1
0
7
6
1
2
3
4
5
6
7
4089 40904091 40924093 4094 4095
1 LSB ideal =(VrefH-VrefL)/ 4096 =
3.3 V/ 4096 = 0.806 mV
Total Unadjusted Error
TUE =
±6 LSB = ±4.84 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com