Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 86Page - NXP Semiconductors MPC5673K Datasheet HTML 87Page - NXP Semiconductors MPC5673K Datasheet HTML 88Page - NXP Semiconductors MPC5673K Datasheet HTML 89Page - NXP Semiconductors MPC5673K Datasheet HTML 90Page - NXP Semiconductors MPC5673K Datasheet HTML 91Page - NXP Semiconductors MPC5673K Datasheet HTML 92Page - NXP Semiconductors MPC5673K Datasheet HTML 93Page - NXP Semiconductors MPC5673K Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
NXP Semiconductors
90
3.18
PDI pads specifications
This section specifies the electrical characteristics of the PDI pads. Please refer to the tables in Section 2.2, Pin descriptions, for
a cross reference between package pins and pad types.
PDI pads feature list:
•
Direction
— Input
— Output
— Bidirectional
•
Driver
— Push/Pull/Open Drain
— Configurable Four Drive Strengths on Fast driver pads
— Configurable No Slew-Rate, Slow Slew-Rate, and Fast Slew-Rate on Slow, Medium, and SLR driver pads
— VDD_HV_PDI NOTE: All pads are NOT 5 V TOLERANT. Pads are not capable of driving to or from voltages
above their respective VDD_HV_PDI. In other words, you cannot connect a 3.3V external device to a pad
supplied with 2.5 V. If a pad must be connected to a 3.3V device, its local VDD_HV_PDI must be 3.3 V. Injection
current is then handled by the intrinsic diodes from the pad transistors and by the ESD diodes.
— VDD_HV_PDI range 1.8 V to 3.3 V, as specified in the following tables
•
Receiver
— Selectable hysteresis input buffer
—CMOS Input Buffer
The electrical data provided in this section applies:
•
To the pads listed in Table 37
•
Over the voltage range 1.62–3.6 V
High
High
Normal Operation
Table 37. PDI I/O pads
No.
Name
Voltage
Used for
Notes
1
PDI Fast
1.62–3.6 V
I/O
Enhanced operating voltage range fast slew-rate output with four selectable
slew-rates. Contains an input buffer and weak pullup/pulldown.
2PDI
Medium
Enhanced operating voltage range medium slew-rate output with four
selectable slew-rates. Contains an input buffer and weak pullup/pulldown.
Table 38. PDI pads DC electrical characteristics1
No.
Symbol
Parameter
Min
Max
Unit
1VDD_HV_PDI SR I/O supply voltage
1.62
3.6
V
2VIH_C
CC CMOS input buffer high voltage
(hysteresis enabled)
0.65 × VDD_HV_PDI VDD_HV_PDI +0.3
V
3VIH_C
CC CMOS input buffer high voltage
(hysteresis disabled)
0.58 × VDD_HV_PDI VDD_HV_PDI +0.3
V
Table 36. Power sequence pin states for GPIO pads
VDD_LV_COR
VDD_HV_IO
Pad Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com