Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 67Page - NXP Semiconductors MPC5673K Datasheet HTML 68Page - NXP Semiconductors MPC5673K Datasheet HTML 69Page - NXP Semiconductors MPC5673K Datasheet HTML 70Page - NXP Semiconductors MPC5673K Datasheet HTML 71Page - NXP Semiconductors MPC5673K Datasheet HTML 72Page - NXP Semiconductors MPC5673K Datasheet HTML 73Page - NXP Semiconductors MPC5673K Datasheet HTML 74Page - NXP Semiconductors MPC5673K Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
71
2VSS_HV_PMU
SR Voltage regulator supply ground
—
0
0
V
3VDD_HV_IO
SR Input/output supply voltage
—
3.0
3.63
V
4VSS_HV_IO
SR Input/output supply ground
—
0
0
V
5VDD_HV_FLA
SR Flash supply voltage
—
3.0
3.63
V
6VSS_HV_FLA
SR Flash supply ground
—
0
0
V
7VDD_HV_OSC
SR Crystal oscillator amplifier supply voltage
—
3.0
3.63
V
8VSS_HV_OSC
SR Crystal oscillator amplifier supply ground
—
0
0
V
9VDD_HV_PDI
SR PDI interface supply voltage
—
1.62
3.63
V
10
VSS_HV_PDI
SR PDI interface supply ground
—
0
0
V
11
VDD_HV_DRAM
SR DRAM interface supply voltage
—
1.62
3.63
V
12
VSS_HV_DRAM
SR DRAM interface supply ground
—
0
0
V
13
VDD_HV_ADRx
SR ADCx high reference voltage1
—
3.0
3.63
V
Alternate input
voltage
4.5
5.5
14
VSS_HV_ADRx
SR ADCx low reference voltage
—
0
0
V
15
VDD_HV_ADV
SR ADC supply voltage
—
3.0
3.63
V
16
VSS_HV_ADV
SR ADC supply ground
—
0
0
V
17
VDD_LV_COR
SR Core supply voltage digital logic2
External VREG
mode
1.14
1.32
V
17a
CC
Internal VREG
Mode
1.14
1.32
V
18
VSS_LV_COR
SR Core supply voltage ground digital logic
—
0
0
V
19
VDD_LV_PLL
SR PLL supply voltage2
External VREG
mode
1.14
1.32
V
19a
CC
Internal VREG
Mode
1.14
1.32
V
20
VSS_LV_PLL
SR PLL reference voltage
—
0
0
V
21
TA
SR Ambient temperature under bias3,4
257 MAPBGA
–40
125
°C
473 MAPBGA
–40
125
°C
22
TJ
SR Junction temperature under bias4
257 MAPBGA
–40
150
°C
473 MAPBGA
–40
150
1 If this supply is not above its absolute minimum recommended operating level, LBIST operations can fail.
2 The jitter specifications for both PLLs holds true only up to 50 mV noise (peak to peak) on V
DD_LV_COR and
VDD_LV_PLL.
3 See Table 1 for available frequency and package options.
4 When determining if the operating temperature specifications are met, either the ambient temperature or junction
temperature specification can be used. It is not necessary that both specifications be met at all times. However, it
is critical that the junction temperature specification is not exceeded under any condition.
Table 12. Recommended operating conditions (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com