Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 75Page - NXP Semiconductors MPC5673K Datasheet HTML 76Page - NXP Semiconductors MPC5673K Datasheet HTML 77Page - NXP Semiconductors MPC5673K Datasheet HTML 78Page - NXP Semiconductors MPC5673K Datasheet HTML 79Page - NXP Semiconductors MPC5673K Datasheet HTML 80Page - NXP Semiconductors MPC5673K Datasheet HTML 81Page - NXP Semiconductors MPC5673K Datasheet HTML 82Page - NXP Semiconductors MPC5673K Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
79
3.13
16 MHz RC oscillator electrical characteristics
14
Δt
LTJIT
T Long term jitter
PHI @ 16 MHz,
Input clock @ 4 MHz
——
±6
ns
15
fLCK
D Frequency LOCK range
—
–4
—
+4
%
fFMPLLOUT
16
fUL
D Frequency un-LOCK range
—
–16
—
+16
%
fFMPLLOUT
17a
fCS
fDS
D Modulation Depth
Center spread
±0.25
—
±4
%
fFMPLLOUT
17b
Down Spread
–0.5
—
–8
18
fMOD
D Modulation frequency13
31 < LDF14 <63
LDF > 63
—
—
(2240/LD
F)
35
kHz
1 Considering operation with FMPLL not bypassed.
2 PFD clock range is 4– 16 MHz. An appropriate PLL Input division factor (IDF) should be chosen to divide the reference
frequency to this range.
3 “Loss of Reference Frequency” window is the reference frequency range outside of which the FMPLL is in self clocked mode.
4 Self clocked mode frequency is the frequency that the FMPLL operates at when the reference frequency falls outside the f
LOR
window.
5 f
VCO is the frequency at the output of the VCO; its range is 256–512 MHz.
fSCM is the self-clocked mode frequency (free running frequency); its range is 20–150 MHz.
fsys =fVCO÷ODF
6 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for this
FMPLL, load capacitors should not exceed these limits.
7 This specification applies to the period required for the FMPLL to relock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR).
8 This value is determined by the crystal manufacturer and board design.
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
FMPLLOUT.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FMPLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency increase the CJITTER
percentage for a given interval.
10 Proper PC board layout procedures must be followed to achieve specifications.
11 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and either fCS
or fDS (depending on whether center spread or down spread modulation is enabled).
12 Core operating at 180 MHz.
13 Modulation depth is attenuated from depth setting when operating at modulation frequencies above 50 kHz.
14 PLL Loop Division Factor (LDF).
Table 23. RC oscillator electrical characteristics
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1fRC
CC RC oscillator frequency
25 °C, 1.2 V trimmed
—
16
—
MHz
2
Δ
RCMVAR
CC Frequency spread: The variation in
output frequency from PTF1 across
temperature and supply voltage range
——
—
±5
%
Table 22. FMPLL electrical characteristics (continued)
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com