Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 83Page - NXP Semiconductors MPC5673K Datasheet HTML 84Page - NXP Semiconductors MPC5673K Datasheet HTML 85Page - NXP Semiconductors MPC5673K Datasheet HTML 86Page - NXP Semiconductors MPC5673K Datasheet HTML 87Page - NXP Semiconductors MPC5673K Datasheet HTML 88Page - NXP Semiconductors MPC5673K Datasheet HTML 89Page - NXP Semiconductors MPC5673K Datasheet HTML 90Page - NXP Semiconductors MPC5673K Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
87
3.16
SRAM memory electrical characteristics
3.17
GP pads specifications
This section specifies the electrical characteristics of the GP pads. Please refer to the tables in Section 2.2, Pin descriptions, for
a cross reference between package pins and pad types.
3.17.1
GP pads DC specifications
Table 33 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IO <3.6 V).
Table 31. Data flash write access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
1fWRITE
CC Maximum frequency for Flash writing
(system clock frequency SYS_CLK)
—
90
MHz
Table 32. System SRAM memory read/write access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
1sREAD/WRITE CC Maximum frequency for system SRAM
reading/writing (system clock frequency
SYS_CLK)
1 wait state
90
MHz
Table 33. GP pads DC electrical characteristics1
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1VIL
SR Low level input voltage
—
–0.12
—0.35 VDD_HV_IO
V
2VIH
SR High level input voltage
—
0.65 VDD_HV_IO
—VDD_HV_IO +0.1
2
V
3VHYS
CC Schmitt trigger hysteresis
—
0.1 VDD_HV_IO
——
V
4VOL_S
CC Slow, low level output voltage
IOL =1.5 mA
—
—
0.5
V
5VOH_S
CC Slow, high level output voltage
IOH =–1.5mA VDD_HV_IO –0.8
—
—
V
6VOL_M
CC Medium, low level output
voltage
IOL =2 mA
—
—
0.5
V
7VOH_M
CC Medium, high level output
voltage
IOH =–2mA
VDD_HV_IO –0.8
—
—
V
8VOL_F
CC Fast, high level output voltage
IOL =11mA
—
—
0.5
V
9VOH_F
CC Fast, high level output voltage
IOH =–11 mA VDD_HV_IO –0.8
—
—
V
10 VOL_SYM CC Symmetric, high level output
voltage
IOL =5 mA
—
—
0.5
V
11 VOH_SYM CC Symmetric, high level output
voltage
IOH =–5mA
VDD_HV_IO –0.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com