Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 7Page - NXP Semiconductors MPC5673K Datasheet HTML 8Page - NXP Semiconductors MPC5673K Datasheet HTML 9Page - NXP Semiconductors MPC5673K Datasheet HTML 10Page - NXP Semiconductors MPC5673K Datasheet HTML 11Page - NXP Semiconductors MPC5673K Datasheet HTML 12Page - NXP Semiconductors MPC5673K Datasheet HTML 13Page - NXP Semiconductors MPC5673K Datasheet HTML 14Page - NXP Semiconductors MPC5673K Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
Introduction
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
11
— Modified SPI mode for interfacing to peripherals with longer setup time requirements
•
Support for up to 60 Mbit/s in slave only Rx mode
1.6.15
Serial Communication Interface Module (LINFlex)
The LINFlex on this device features the following:
•
Supports LIN Master mode, LIN Slave mode, and UART mode
•
LIN state machine compliant to LIN1.3, 2.0, and 2.1 specifications
•
Manages LIN frame transmission and reception without CPU intervention
•
LIN features
— Autonomous LIN frame handling
— Message buffer to store as many as 8 data bytes
— Supports messages as long as 64 bytes
— Detection and flagging of LIN errors (Sync field, delimiter, ID parity, bit framing, checksum and timeout errors)
— Classic or extended checksum calculation
— Configurable break duration of up to 36-bit times
— Programmable baud rate prescalers (13-bit mantissa, 4-bit fractional)
— Diagnostic features (loop back, LIN bus stuck dominant detection)
— Interrupt-driven operation with 16 interrupt sources
•
LIN slave mode features
— Autonomous LIN header handling
— Autonomous LIN response handling
•
UART mode
— Full-duplex operation
— Standard non return-to-zero (NRZ) mark/space format
— Data buffers with 4-byte receive, 4-byte transmit
— Configurable word length (8-bit, 9-bit, or 16-bit words)
— Configurable parity scheme: none, odd, even, always 0
— Speed as fast as 2 Mbit/s
— Error detection and flagging (parity, noise, and framing errors)
— Interrupt-driven operation with four interrupt sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— Two receiver wake-up methods
•
Support for DMA-enabled transfers
1.6.16
FlexCAN
•
Thirty-two message buffers each
•
Full implementation of the CAN protocol specification, Version 2.0B
•
Programmable acceptance filters
•
Individual Rx filtering per message buffer
•
Short latency time for high priority transmit messages
•
Arbitration scheme according to message ID or message buffer number
•
Listen-only mode capabilities
•
Programmable clock source: system clock or oscillator clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com