Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 85 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 81Page - NXP Semiconductors MPC5673K Datasheet HTML 82Page - NXP Semiconductors MPC5673K Datasheet HTML 83Page - NXP Semiconductors MPC5673K Datasheet HTML 84Page - NXP Semiconductors MPC5673K Datasheet HTML 85Page - NXP Semiconductors MPC5673K Datasheet HTML 86Page - NXP Semiconductors MPC5673K Datasheet HTML 87Page - NXP Semiconductors MPC5673K Datasheet HTML 88Page - NXP Semiconductors MPC5673K Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
85
3.15
Flash memory electrical characteristics
3.15.1
Program/erase characteristics
Table 25 shows the code flash memory program and erase characteristics.
Table 26 shows the data flash memory program and erase characteristics.
Table 25. Code flash memory program and erase electrical specifications
No.
Symbol
Parameter
Min
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C.
Initial
max2
2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for < 100
program/erase cycles, nominal supply values and operation at TJ = 25 °C. These values are verified at production
test.
Lifetime
max3
3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life.
These values are characterized, but not tested.
Unit
1TDWPROGRAM
CC Doubleword (64 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
—18
50
500
µs
2T16KPPERASE
CC 16 KB block pre-program and erase time
—
200
500
5000
ms
3T32KPPERASE
CC 32 KB block pre-program and erase time
—
300
600
5000
ms
4T64KPPERASE
CC 64 KB block pre-program and erase time
—
400
900
5000
ms
5T128KPPERASE
CC 128 KB block pre-program and erase time
—
600
1300
7500
ms
Table 26. Data flash memory program and erase electrical specifications
No.
Symbol
Parameter
Min
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C.
Initial
max2
2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for < 100
program/erase cycles, nominal supply values and operation at TJ = 25 °C. These values are verified at production
test.
Lifetime
max3
3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life.
These values are characterized, but not tested.
Unit
1TDWPROGRAM
CC Singleword (32 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
—30
70
300
µs
2T16KPPERASE
CC 16 KB block pre-program and erase time
—
700
800
1500
ms
Table 27. Flash memory module life
No.
Symbol
Parameter
Condition
Value
Unit
Min
Typ1
Max
1a
P/E
CC Number of program/erase
cycles per block for over the
operating temperature range
(TJ)
16 KB blocks
100,000
—
—
cycles
1b
32 KB and 64 KB blocks
10,000 100,000
—
cycles
1c
128 KB blocks
1,000
100,000
—
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com