Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 10Page - NXP Semiconductors MPC5673K Datasheet HTML 11Page - NXP Semiconductors MPC5673K Datasheet HTML 12Page - NXP Semiconductors MPC5673K Datasheet HTML 13Page - NXP Semiconductors MPC5673K Datasheet HTML 14Page - NXP Semiconductors MPC5673K Datasheet HTML 15Page - NXP Semiconductors MPC5673K Datasheet HTML 16Page - NXP Semiconductors MPC5673K Datasheet HTML 17Page - NXP Semiconductors MPC5673K Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Introduction
NXP Semiconductors
14
1.6.20.3
Analog-To-Digital Converter (ADC)
•
Four independent ADCs with 12-bit A/D resolution
•
Common mode conversion range of 0–5 V or 0–3.3 V
•
Twenty-two single-ended input channels
•
Supports eight FIFO queues with fixed priority
•
Queue modes with priority-based preemption; initiated by software command, internal, or external triggers
•
DMA and interrupt request support
1.6.20.4
eTimer module
Three 16-bit general purpose up/down timer/counters per module are implemented with the following features:
•
Ability to operate up to platform frequency
•
Individual channel capability
— Input capture trigger
— Output compare
— Double buffer (to capture rising edge and falling edge)
— Separate prescaler for each counter
— Selectable clock source
— 0–100% pulse measurement
— Rotation direction flag (quad decoder mode)
•
Maximum count rate
— Equals peripheral clock/2 for external event counting
— Equals peripheral clock for internal clock counting
•
Cascadeable counters
•
Programmable count modulo
•
Quadrature decode capabilities
•
Counters can share available input pins
•
Count once or repeatedly
•
Preloadable counters
•
Pins available as GPIO when timer functionality is not in use
•
DMA support
1.6.21
Redundancy Control and Checker Unit (RCCU)
The RCCU checks all outputs of the sphere of replication (addresses, data, control signals). It has the following features:
•
Duplicated module to enable high diagnostic coverage (check of checker)
•
Replicated IP to be used as checkers on the PBRIDGE output, Flash Controller output, SRAM output, DMA Channel
Mux inputs
1.6.22
Software Watchdog Timer (SWT)
This module implements the features below:
•
Replicated periphery to provide safety measures respective to high safety integrity levels (for example, SIL 3, ASIL D)
•
Fault-tolerant output
•
Safe internal RC oscillator as reference clock
•
Windowed watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com