Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 90Page - NXP Semiconductors MPC5673K Datasheet HTML 91Page - NXP Semiconductors MPC5673K Datasheet HTML 92Page - NXP Semiconductors MPC5673K Datasheet HTML 93Page - NXP Semiconductors MPC5673K Datasheet HTML 94Page - NXP Semiconductors MPC5673K Datasheet HTML 95Page - NXP Semiconductors MPC5673K Datasheet HTML 96Page - NXP Semiconductors MPC5673K Datasheet HTML 97Page - NXP Semiconductors MPC5673K Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
NXP Semiconductors
94
NOTE
0.7 V overshoot/undershoot can be allowed to occur repeatedly throughout the product
expected lifetime and will not cause any long term reliability issue.
3.19.1
DRAM pads electrical specifications (VDD_HV_DRAM = 3.3 V)
Table 44. Mode configuration for DRAM pads
Configuration1
1 Configuration is selected in the corresponding PCR registers of the SIUL.
Mode
000
1.8 V LPDDR Half Strength
001
1.8 V LPDDR Full Strength
010
1.8 V DDR2 Half Strength
011
2.5 V DDR
100
Not supported
101
Not supported
110
1.8 V DDR2 Full Strength
111
SDR
Table 45. DRAM pads DC electrical specifications (VDD_HV_DRAM = 3.3 V)
No.
Symbol
Parameter
Condition
Min
Max
Unit
1VDD_HV_DRAM
SR I/O supply voltage
—
3.0
3.6
V
2
VDD_HV_DRAM_VREF CC Input reference
voltage
—1.3
1.7
V
3
VDD_HV_DRAM_VTT CC Termination voltage
1
1 BGA473: Termination voltage can be supplied via package pins. BGA257 termination voltage internally tied as the
BGA257 does not provide DRAM interface. Disable ODT.
—VDD_HV_DRAM_VREF
– 0.05
VDD_HV_DRAM_VREF
+0.05
V
4VIH
CC Input high voltage
—
VDD_HV_DRAM_VREF +
0.20
—V
5VIL
CC Input low voltage
—
VDD_HV_DRAM_VREF
– 0.2
V
6VOH
CC Output high voltage
—
VDD_HV_DRAM_VTT
+0.8
—V
7VOL
CC Output low voltage
—
—
VDD_HV_DRAM_VTT
– 0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com