Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 276 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 276 Page - NEC

Back Button VR4102 Datasheet HTML 272Page - NEC VR4102 Datasheet HTML 273Page - NEC VR4102 Datasheet HTML 274Page - NEC VR4102 Datasheet HTML 275Page - NEC VR4102 Datasheet HTML 276Page - NEC VR4102 Datasheet HTML 277Page - NEC VR4102 Datasheet HTML 278Page - NEC VR4102 Datasheet HTML 279Page - NEC VR4102 Datasheet HTML 280Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 701 page
background image
CHAPTER 11 DMAAU (DMA ADDRESS UNIT)
276
11.2.3 AIU OUT DMA Base Address Registers
(1) AIUOBALREG (0x0B00 0028)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
AIUOBA[15]
AIUOBA[14]
AIUOBA[13]
AIUOBA[12]
AIUOBA[11]
AIUOBA[10]
AIUOBA[9]
AIUOBA[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
1
1
1
1
0
0
0
Other resets
1
1
1
1
1
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
AIUOBA[7]
AIUOBA[6]
AIUOBA[5]
AIUOBA[4]
AIUOBA[3]
AIUOBA[2]
AIUOBA[1]
AIUOBA[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15:1]
AIUOBA[15:1]
DMA base address [15:1] for AIU output
D[0]
AIUOBA[0]
DMA base address [0] for AIU output
Write 0 when writing. 0 is returned after a read.
(2) AIUOBAHREG (0x0B00 002A)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
AIUOBA[31]
AIUOBA[30]
AIUOBA[29]
AIUOBA[28]
AIUOBA[27]
AIUOBA[26]
AIUOBA[25]
AIUOBA[24]
R/W
R
RR
RRR
R
R/W
RTCRST
0
0
0
0
0
0
0
1
Other resets
0
0
0
0
0
0
0
1
Bit
D7
D6D5
D4D3D2
D1
D0
Name
AIUOBA[23]
AIUOBA[22]
AIUOBA[21]
AIUOBA[20]
AIUOBA[19]
AIUOBA[18]
AIUOBA[17]
AIUOBA[16]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
1
1
1
1
1
1
1
Other resets
1
1
1
1
1
1
1
1
Bit
Name
Function
D[15:9]
AIUOBA[31:25]
DMA base address [31:25] for AIU output
Write 0 when writing. 0 is returned after a read.
D[8:0]
AIUOBA[24:16]
DMA base address [24:16] for AIU output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com