Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 281 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 281 Page - NEC

Back Button VR4102 Datasheet HTML 277Page - NEC VR4102 Datasheet HTML 278Page - NEC VR4102 Datasheet HTML 279Page - NEC VR4102 Datasheet HTML 280Page - NEC VR4102 Datasheet HTML 281Page - NEC VR4102 Datasheet HTML 282Page - NEC VR4102 Datasheet HTML 283Page - NEC VR4102 Datasheet HTML 284Page - NEC VR4102 Datasheet HTML 285Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 701 page
background image
281
CHAPTER 12 DCU (DMA CONTROL UNIT)
This chapter describes the DCU register’s operations and settings.
12.1 GENERAL
The DCU register is used for DMA control. Specifically, it controls acknowledgment from the BCU that handles
bus arbitration and DMA requests from the on-chip peripheral I/O units (AIU and FIR).
It also controls DMA
enable/prohibit settings.
12.2 DMA PRIORITY CONTROL
When a conflict occurs between DMA requests sent from on-chip peripheral I/O units, the following priority levels
are used to resolve the conflict. These priority levels cannot be changed.
Table 12-1. DMA Priority Levels
Priority level
Type of DMA operation
High
Audio input (recording)
n
Audio output (playback)
Low
FIR transmission/reception
12.3 REGISTER SET
The DCU register set is described below.
Table 12-2. DCU Registers
Address
R/W
Register symbols
Function
0x0B00 0040
R/W
DMARSTREG
DMA Reset Register
0x0B00 0042
R
DMAIDLEREG
DMA Idle Register
0x0B00 0044
R/W
DMASENREG
DMA Sequencer Enable Register
0x0B00 0046
R/W
DMAMSKREG
DMA Mask Register
0x0B00 0048
R/W
DMAREQREG
DMA Request Register
0x0B00 004A
R/W
TDREG
Transfer Direction Register
These registers are described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com