Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 285 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 285 Page - NEC

Back Button VR4102 Datasheet HTML 281Page - NEC VR4102 Datasheet HTML 282Page - NEC VR4102 Datasheet HTML 283Page - NEC VR4102 Datasheet HTML 284Page - NEC VR4102 Datasheet HTML 285Page - NEC VR4102 Datasheet HTML 286Page - NEC VR4102 Datasheet HTML 287Page - NEC VR4102 Datasheet HTML 288Page - NEC VR4102 Datasheet HTML 289Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 701 page
background image
CHAPTER 12 DCU (DMA CONTROL UNIT)
285
12.3.4 DMAMSKREG (0x0B00 0046)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
Reserved
DMAMSKAIN
DMAMSK
AOUT
Reserved
DMAMSK
FOUT
R/W
R
R
R
R
R/W
R/W
R
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..4]
Reserved
Write 0 when writing. 0 is returned after a read.
D[3]
DMAMSKAIN
Audio input DMA transfer enable/prohibit
1 : Enable
0 : Prohibit
D[2]
DMAMSKAOUT
Audio output DMA transfer enable/prohibit
1 : Enable
0 : Prohibit
D[1]
Reserved
Write 0 when writing. 0 is returned after a read.
D[0]
DMAMSKFOUT
FIR transmission DMA transfer enable/prohibit
1 : Enable
0 : Prohibit
This register is used to enable/prohibit various types of DMA transfers.
The DMA transfer enable bits should be set when the units that receive DMA service have been stopped or when
there are no pending DMA requests. If any of the above bits are set to a unit while a DMA request is pending for that
unit, the CPU’s operation will be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com