Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 289 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 289 Page - NEC

Back Button VR4102 Datasheet HTML 285Page - NEC VR4102 Datasheet HTML 286Page - NEC VR4102 Datasheet HTML 287Page - NEC VR4102 Datasheet HTML 288Page - NEC VR4102 Datasheet HTML 289Page - NEC VR4102 Datasheet HTML 290Page - NEC VR4102 Datasheet HTML 291Page - NEC VR4102 Datasheet HTML 292Page - NEC VR4102 Datasheet HTML 293Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 701 page
background image
289
CHAPTER 13 CMU (CLOCK MASK UNIT)
This chapter describes the CMU register’s operations and settings.
13.1 GENERAL
As various input clocks (ctclock, i_seclk, firclock) are supplied from the CPU to each unit, a masking method
enables power consumption to be curtailed in units that are not used.
The units for which this masking method are used are the KIU, PIU, AIU, SIU, DSIU, FIR, and HSP (software
modem interface) units.
The basic functions are described below.
1.
Control of TClock supplied to PIU, AIU, SIU, KIU, DSIU, and FIR
2.
Control of internal clock (18.432 MHz) supplied to SIU and HSP
3.
Control of internal clock (48 MHz) supplied to FIR
The initial value is “0”, which specifies masking. No clock is supplied unless the CPU writes “1” to CMUCLKMSK
register.
Figure 13-1. Block Diagram of CMU and Peripheral Blocks
cscmub
piad(3:0)
piastbb
rst_gab
BCU
PMU
ctclock
i_seclk
cmuout(15:0)
tclk_siu
tclk_kiu
tclk_piu
tclk_aiu
tclk_dsiu
i_tclk
tclk_fir
seclk_siu
fclk
seclk_hsp
CMU
firclock
13.2 REGISTER SET
The CMU register is listed below.
Table 13-1. CMU Register
Address
R/W
Register symbol
Function
0x0B00
0060
R/W
CMUCLKMSK
CMU Clock Mask Register
This register is described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com