Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 291 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 291 Page - NEC

Back Button VR4102 Datasheet HTML 287Page - NEC VR4102 Datasheet HTML 288Page - NEC VR4102 Datasheet HTML 289Page - NEC VR4102 Datasheet HTML 290Page - NEC VR4102 Datasheet HTML 291Page - NEC VR4102 Datasheet HTML 292Page - NEC VR4102 Datasheet HTML 293Page - NEC VR4102 Datasheet HTML 294Page - NEC VR4102 Datasheet HTML 295Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 701 page
background image
291
CHAPTER 14 ICU (INTERRUPT CONTROL UNIT)
This chapter describes the ICU register’s operations and settings.
14.1 GENERAL
The ICU collects interrupt signals from the various on-chip peripheral units and transfers these interrupt signals
(Int0, Int1, Int2, Int3, and NMI) to the CPU core.
The functions of the ICU’s internal blocks are briefly described below.
• ADDECICU … Decodes read/write addresses from the CPU that are used for ICU registers.
• REGICU …
This includes a register for interrupt masking. The initial value is “0”, which specifies masking.
No interrupt signal is supplied to CPU core unless the CPU writes “1” to this register.
• OUTICU …
This is the general ICU output that follows masking of interrupts (all output is at the rising edge
of I_mclkin).
It also controls the interrupt masking signal (doze_mskint) used for settings
during Suspend mode, assertion of the general interrupt source signal (int_all), and the
memdrv assertion timing signal (doze_memdrv) that is used when resetting from Suspend
mode.
The signals used to notice interrupt request to the CPU are as below.
NMI
: battint_intr only
Switching between NMI and Int0 is enabled according to this register’s settings.
Because NMI’s interrupt masking cannot be controlled by means of software, switch
to Int0 to mask battint_Intr.
Int3
: hsp_intr only
Int2
: rtc_long2_intr only
Int1
: rtc_long1_intr only
The IT (interval timer) and HSP interrupts require more responsiveness than do other
interrupt sources.
Int0
: All other interrupts
For details of the interrupt sources, see the register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com