Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 292 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 292 Page - NEC

Back Button VR4102 Datasheet HTML 288Page - NEC VR4102 Datasheet HTML 289Page - NEC VR4102 Datasheet HTML 290Page - NEC VR4102 Datasheet HTML 291Page - NEC VR4102 Datasheet HTML 292Page - NEC VR4102 Datasheet HTML 293Page - NEC VR4102 Datasheet HTML 294Page - NEC VR4102 Datasheet HTML 295Page - NEC VR4102 Datasheet HTML 296Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 701 page
background image
CHAPTER 14 ICU (INTERRUPT CONTROL UNIT)
292
How an interrupt request is notified to the CPU core is shown below.
If an interrupt request occurs in the peripheral units, the corresponding bit in the interrupt indication register of
Level 2 (xxxINTREG) is set to 1. The interrupt indication register is ANDed bit-wise with the corresponding interrupt
mask register of Level 2 (MxxxINTREG). If the occurred interrupt request is enabled (set to 1) in the mask register,
the interrupt request is notified to the interrupt indication register of Level 1 (SYSINTREG) and the corresponding bit
is set to 1. At this time, the interrupt requests from the same register of Level 2 are notified to the SYSINTREG as a
single interrupt request.
Interrupt requests from some units directly set their corresponding bits in the SYSINTREG.
The SYSINTREG is ANDed bit-wise with the interrupt mask register of Level 1 (MSYSINTREG). If the interrupt
request is enabled by MSYSINTREG (set to 1), a corresponding interrupt request signal is output from the ICU to the
CPU core. battint is connected to the NMI or Int0 signal of the CPU core (selected by setting of NMIREG). rtc_long
signals are connected to the Int3 signal of the CPU core. The other interrupt requests are connected to the Int0
signal of the CPU core as a one interrupt request.
The following figure shows an outline of interrupt control in the ICU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com