Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 294 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 294 Page - NEC

Back Button VR4102 Datasheet HTML 290Page - NEC VR4102 Datasheet HTML 291Page - NEC VR4102 Datasheet HTML 292Page - NEC VR4102 Datasheet HTML 293Page - NEC VR4102 Datasheet HTML 294Page - NEC VR4102 Datasheet HTML 295Page - NEC VR4102 Datasheet HTML 296Page - NEC VR4102 Datasheet HTML 297Page - NEC VR4102 Datasheet HTML 298Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 701 page
background image
CHAPTER 14 ICU (INTERRUPT CONTROL UNIT)
294
14.2 REGISTER SET
The ICU registers are listed below.
Table 14-1. ICU Registers
Address
R/W
Register symbols
Function
0x0B00 0080
R
SYSINT1REG
Level 1 System interrupt register 1
0x0B00 0082
R
PIUINTREG
Level 2 PIU interrupt register
0x0B00 0084
R
AIUINTREG
Level 2 AIU interrupt register
0x0B00 0086
R
KIUINTREG
Level 2 KIU interrupt register
0x0B00 0088
R
GIUINTLREG
Level 2 GIU interrupt register Low
0x0B00 008A
R
DSIUINTREG
Level 2 DSIU interrupt register
0x0B00 008C
R/W
MSYSINT1REG
Level 1 mask system interrupt register 1
0x0B00 008E
R/W
MPIUINTREG
Level 2 mask PIU interrupt register
0x0B00 0090
R/W
MAIUINTREG
Level 2 mask AIU interrupt register
0x0B00 0092
R/W
MKIUINTREG
Level 2 mask KIU interrupt register
0x0B00 0094
R/W
MGIUINTLREG
Level 2 mask GIU interrupt register Low
0x0B00 0096
R/W
MDSIUINTREG
Level 2 mask DSIU interrupt register
0x0B00 0098
R/W
NMIREG
NMI register
0x0B00 009A
R/W
SOFTINTREG
Software interrupt register
0x0B00 0200
R
SYSINT2REG
Level 1 System interrupt register 2
0x0B00 0202
R
GIUINTHREG
Level 2 GIU interrupt register High
0x0B00 0204
R
FIRINTREG
Level 2 FIR interrupt register
0x0B00 0206
R/W
MSYSINT2REG
Level 1 mask system interrupt register 2
0x0B00 0208
R/W
MGIUINTHREG
Level 2 mask GIU interrupt register High
0x0B00 020A
R/W
MFIRINTREG
Level 2 mask FIR interrupt register
These registers are described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com