Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 297 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 297 Page - NEC

Back Button VR4102 Datasheet HTML 293Page - NEC VR4102 Datasheet HTML 294Page - NEC VR4102 Datasheet HTML 295Page - NEC VR4102 Datasheet HTML 296Page - NEC VR4102 Datasheet HTML 297Page - NEC VR4102 Datasheet HTML 298Page - NEC VR4102 Datasheet HTML 299Page - NEC VR4102 Datasheet HTML 300Page - NEC VR4102 Datasheet HTML 301Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 701 page
background image
CHAPTER 14 ICU (INTERRUPT CONTROL UNIT)
297
14.2.2 PIUINTREG (0x0B00 0082)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
PADCMD
INTR
PADADP
INTR
PADPAGE1
INTR
PADPAGE0
INTR
PADDLOST
INTR
Reserved
PENCHG
INTR
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..7]
Reserved
Write 0 when writing. 0 is returned after a read.
D[6]
PADCMDINTR
PIU command scan interrupt. This interrupt occurs when command scan found valid
data.
1 : Occurred
0 : Normal
D[5]
PADADPINTR
PIU AD port scan interrupt. This interrupt occurs when AD port scan found a set of
valid data.
1 : Occurred
0 : Normal
D[4]
PADPAGE1INTR
PIU data buffer page 1 interrupt. This interrupt occurs when a set of valid data is
stored in page 1 of data buffer.
1 : Occurred
0 : Normal
D[3]
PADPAGE0INTR
PIU data buffer page 0 interrupt. This interrupt occurs when a set of valid data is
stored in page 0 of data buffer.
1 : Occurred
0 : Normal
D[2]
PADDLOSTINTR
A/D data timeout interrupt. This interrupt occurs when a set of data did not found
within specified time.
1 : Occurred
0 : Normal
D[1]
Reserved
Write 0 when writing. 0 is returned after a read.
D[0]
PENCHGINTR
Touch panel contact status change interrupt
1: Change has occurred
0: No change
This register indicates when various PIU-related interrupts occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com