Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 381 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 381 Page - NEC

Back Button VR4102 Datasheet HTML 377Page - NEC VR4102 Datasheet HTML 378Page - NEC VR4102 Datasheet HTML 379Page - NEC VR4102 Datasheet HTML 380Page - NEC VR4102 Datasheet HTML 381Page - NEC VR4102 Datasheet HTML 382Page - NEC VR4102 Datasheet HTML 383Page - NEC VR4102 Datasheet HTML 384Page - NEC VR4102 Datasheet HTML 385Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 701 page
background image
381
CHAPTER 19 PIU (TOUCH PANEL INTERFACE UNIT)
This chapter describes the PIU’s operations and register settings.
19.1 GENERAL
The PIU uses an on-chip A/D converter and detects the X and Y coordinates of pen contact locations on the
touch panel and scans the general-purpose A/D input port.
Since the touch panel control circuit and the A/D
converter (conversion precision: 10 bits) are both on-chip, the touch panel is connected directly to the VR4102.
The PIU’s function, namely the detection of X and Y coordinates, is performed partly by hardware and partly by
software.
Hardware tasks : • Touch panel applied voltage control
• Reception of coordinate data
Software task
: • Processing of coordinate data based on data sampled by hardware
Features of the PIU’s hardware tasks are described below.
• Can be directly connected to touch panel with four-pin resistance layers (on-chip touch panel driver)
• Interface for on-chip A/D converter
• Voltage detection at three general-purpose AD ports and one audio input port
• Operation of A/D converter based on various settings and control of voltage applied to touch panel
• Sampling of X-coordinate and Y-coordinate data
• Variable coordinate data sampling interval
• Interrupt is triggered if pen touch occurs regardless of CPU operation mode (interrupts do not occur when in
CPU hibernate mode)
• Four dedicated buffers for up to two pages each of coordinate data
• Four buffers for A/D port scan
• Auto/manual options for coordinate data sampling start/stop control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com