Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 382 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 382 Page - NEC

Back Button VR4102 Datasheet HTML 378Page - NEC VR4102 Datasheet HTML 379Page - NEC VR4102 Datasheet HTML 380Page - NEC VR4102 Datasheet HTML 381Page - NEC VR4102 Datasheet HTML 382Page - NEC VR4102 Datasheet HTML 383Page - NEC VR4102 Datasheet HTML 384Page - NEC VR4102 Datasheet HTML 385Page - NEC VR4102 Datasheet HTML 386Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 701 page
background image
CHAPTER 19 PIU (TOUCH PANEL INTERFACE UNIT)
382
19.1.1 Block Diagrams
Figure 19-1. PIU Peripheral Block Diagram
TPY1
TPY0
TPX1
TPX0
AUDIOIN
ADIN2
ADIN1
ADIN0
4
4
ADC
AIU
PIU
VR4102
I/O
buffer
1
Battery, etc.
Touch panel
I/O
buffer
• Touch panel
A set of four pins are located at the edges of the X-axis and Y-axis resistance layers, and the two layers have
high resistance when there is no pen contact and low resistance when there is pen contact. The resistance
between the two edges of the resistance layers is about 1 k
:. When a voltage is applied to both edges of the
Y-axis resistance layer, the voltage (VY1 and VY2 in the figure below) is measures at the X-axis resistance
layer’s pins to determine the Y coordinate. Similarly, when a voltage is applied to both edges of the X-axis
resistance layer, the voltage (VX1 and VX2 in the figure below) is measures at the Y-axis resistance layer’s
pins to determine the X coordinate. For greater precision, voltage applied to individual resistance-layer pins
can be measured to obtain X and Y coordinate data based on four voltage measurements. The obtained
coordinate data are stored to PIUPBnmREG register (n = 0, 1, m = 0 to 3).
Figure 19-2. Equivalent Circuit of Coordinate Detection
(a) Y-coordinate detection
TPY1: 3V
TPY1: 0V
TPY0: 0V
TPY0: 3V
TPX0
TPX0
TPY0
(b) X-coordinate detection
TPY0
TPX0: 3V
TPX1: 0V
TPX0: 0V
TPX1: 3V
VY2
VY1
VX1
VX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com