Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 443 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 443 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 439Page - Advanced Micro Devices SC3200 Datasheet HTML 440Page - Advanced Micro Devices SC3200 Datasheet HTML 441Page - Advanced Micro Devices SC3200 Datasheet HTML 442Page - Advanced Micro Devices SC3200 Datasheet HTML 443Page - Advanced Micro Devices SC3200 Datasheet HTML 444Page - Advanced Micro Devices SC3200 Datasheet HTML 445Page - Advanced Micro Devices SC3200 Datasheet HTML 446Page - Advanced Micro Devices SC3200 Datasheet HTML 447Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 443 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
443
Appendix A: Support Documentation
Revision 5.1
Appendix ASupport Documentation
A.1
Order Information
A.2
Data Book Revision History
This document is a report of the revision/creation process of the data book for the Geode SC3200. Any revisions (i.e., addi-
tions, deletions, parameter corrections, etc.) are recorded in the table below.
Order Number (AMD OPN)1
1.
The “F” suffix denotes the lead free package.
Core
Frequency
(MHz)
Core
Voltage
(VCORE)
Temp.
(Degree C)
Package2
2.
As of this publication date, a lead free package version may not be available. Check with your local AMD Sales Repre-
sentative for availability. See Section 10.0 "Package Specifications" on page 439 for details on the lead free part.
SC3200UCL-266
266
1.8V
0 - 85
EBGA
SC3200UCL-266F
Lead Free EBGA
SC3200UFH-233
233
1.8V
0 - 85
TEPBGA
SC3200UFH-233F
Lead Free TEPBGA
SC3200UFH-266
266
1.8V
0 - 85
TEPBGA
SC3200UFH-266F
Lead Free TEPBGA
Table A-1. Revision History
Revision #
(PDF Date)
Revisions / Comments
0.1
(August 1999)
First draft of data book. (For internal review only)
0.2
(October 1999)
Second draft.
0.5
(January 2000)
Draft.
0.8
(March 2000)
Draft
1.0
(July 2000)
Preliminary data book.
1.1
(August 2000)
Corrected typos, removed umimplemented features.
1.32
(February 2001)
Preliminary data book. GNT[1:0]# strapping functions changed. Minor modifications and correc-
tions. Video Input Port (VIP) added.
2.0
(April 2002)
The entire data book has been reformatted and several sections re-written. Strap information and
TEPBGA ball assignments have been added. Additionally, internal test signals and multiplexing
have been included. This data book should be viewed as a new document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com