Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 444 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 444 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 439Page - Advanced Micro Devices SC3200 Datasheet HTML 440Page - Advanced Micro Devices SC3200 Datasheet HTML 441Page - Advanced Micro Devices SC3200 Datasheet HTML 442Page - Advanced Micro Devices SC3200 Datasheet HTML 443Page - Advanced Micro Devices SC3200 Datasheet HTML 444Page - Advanced Micro Devices SC3200 Datasheet HTML 445Page - Advanced Micro Devices SC3200 Datasheet HTML 446Page - Advanced Micro Devices SC3200 Datasheet HTML 447Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 444 / 447 page
background image
444
AMD Geode™ SC3200 Processor Data Book
Appendix A: Data Book Revision History
Revision 5.1
2.1
(June 2002)
Release for posting on external web site. Changes made to the Architecture Overview, Signal Defini-
tions, Core Logic Module, Video Processor Module, Electrical Specifications, and Package Specifi-
cations chapters. See Revision 2.1 for details.
2.2
(July 2002)
Corrected pin definitions for ball K3 on EBGA package and ball D12 on TEPBGA package. Were
incorrectly called out as VIO, changed to VCORE. Effected:
Figure 2-2 "432-EBGA Ball Assignment Diagram”
Table 2-2 “432-EBGA Ball Assignment - Sorted by Ball Number”
Table 2-3 “432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name”
Figure 2-3 “481-TEPBGA Ball Assignment Diagram”
Table 2-4 “481-TEPBGA Ball Assignment - Sorted by Ball Number”
Table 2-5 “481-TEPBGA Ball Assignment - Sorted Alphabetically by Signal Name”
Section 2.4.20 “Power, Ground and No Connections”
3.0
(August 2002)
Major corrections include fixing TEPBGA ball numbers in “Two-Signal/Group Multiplexing” table
(Table 2-7) and GPIO signal descriptions (Table 2.4.16).
3.1
(February 2002)
Many minor changes mostly to the Video Processor and Electrical sections. Expounded on the notes
in the Mechanical section.
4.0
(March 2003)
Many changes. Changed all references to XpressAUDIO to audio. See revision 4.0 for details.
5.0
(November 2003)
Numerous minor changes/corrections made based upon user inputs. See revision 5.0 for details.
5.1
(March 2004)
Minor changes/corrections made based upon user inputs. See Table A-2 "Edits to Current Revision"
for details.
Table A-1. Revision History (Continued)
Revision #
(PDF Date)
Revisions / Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com