Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 25 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 25 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 21Page - Microchip Technology ECE1200 Datasheet HTML 22Page - Microchip Technology ECE1200 Datasheet HTML 23Page - Microchip Technology ECE1200 Datasheet HTML 24Page - Microchip Technology ECE1200 Datasheet HTML 25Page - Microchip Technology ECE1200 Datasheet HTML 26Page - Microchip Technology ECE1200 Datasheet HTML 27Page - Microchip Technology ECE1200 Datasheet HTML 28Page - Microchip Technology ECE1200 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 25
ECE1200
5.0
ENHANCED SERIAL PERIPHERAL INTERFACE (ESPI)
5.1
Introduction
The Intel® Enhanced Serial Peripheral Interface (eSPI) in the ECE1200 is a hard-wired subset of the eSPI functionality,
dedicated to bridging I/O and Memory traffic with LPC, and Serial IRQ traffic. It also implements Virtual Wires, by which
it restores legacy signals and supports new eSPI requirements internally.
5.2
References
1.
Intel Doc #327432, Enhanced Serial Peripheral Interface (eSPI): Interface Base Specification
2.
Intel Doc #562633, Enhanced Serial Peripheral Interface (eSPI) Compatibility Specification
5.3
Terminology
This table defines specialized terms localized to this feature.
TABLE 5-1:
TERMINOLOGY
Term
Definition
System Host
Refers to the external Chipset that originates the I/O and Memory traffic over the
eSPI Interface.
Master / Slave
Following the SPI convention, the System Host is the eSPI Master and the
ECE1200 is the eSPI Slave. The Slave can request the Master’s attention using
the ALERT# functionality, but all traffic is driven by the Master.
Virtual Wire /
Virtual Wire Channel
A Virtual Wire is a 1-bit digital state that is transferred between the System Host
and the ECE1200. Some Virtual Wires are translated to/from physical pins by the
ECE1200. Other Virtual Wires present IRQs to the Host System from the Serial
IRQ feature, participate in handshakes for system power state transitions, or sig-
nal exceptions to the Host System.
The eSPI Virtual Wire Channel is a category of eSPI traffic that is multiplexed
onto the eSPI pins for transferring Virtual Wires.
Peripheral Channel
This is a category of eSPI traffic that is multiplexed onto the eSPI pins for per-
forming I/O and Memory traffic originating from the System Host.
eSPI Configuration Registers
A set of registers that are dedicated to initial low-level setup of the eSPI bus by
the System Host. They are accessible only using the eSPI GET_CONFIGURA-
TION and SET_CONFIGURATION commands, and are separate from the inter-
nal register set that is accessed by I/O traffic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com