Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 48 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 48 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology ECE1200 Datasheet HTML 50Page - Microchip Technology ECE1200 Datasheet HTML 51Page - Microchip Technology ECE1200 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
ECE1200
DS00003093C Draft-page 48
 2018-2021 Microchip Technology Inc.
6.10.5
MAP SERIRQ IRQ4 SLOT REGISTER
6.10.6
MAP SERIRQ IRQ5 SLOT REGISTER
6.10.7
MAP SERIRQ IRQ6 SLOT REGISTER
6.10.8
MAP SERIRQ IRQ7 SLOT REGISTER
Index
AEh of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 5.
By default it selects the legacy IRQ4 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
04h
PLTRST
Index
AFh of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 6.
By default it selects the legacy IRQ5 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
05h
PLTRST
Index
B0h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 7.
By default it selects the legacy IRQ6 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
06h
PLTRST
Index
B1h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 8.
By default it selects the legacy IRQ7 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
07h
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com