Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 46 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 46 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology ECE1200 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
ECE1200
DS00003093C Draft-page 46
 2018-2021 Microchip Technology Inc.
6.10
eSPI Register Set, Logical Device 00h
Registers in the eSPI Register region are used in managing the Host interface functions over eSPI. They are shown in
the following summary table, according to the INDEX value used to select them. This region is accessible from INDEX
values 30h through FFh while the value 00h is held in the Logical Device Number Register.
TABLE 6-3:
ESPI REGISTER SUMMARY
Index
Register Name
30h
Test
31h - 33h
Reserved
34h
Test
35h
Test
36h
I/O BAR Address LS Register
37h
I/O BAR Address MS Register
38h -- 54h
Reserved
55h
Inaccessible (INDEX=55h is Enable Configuration Mode code)
56h -- A9h
Reserved
AAh
Inaccessible (INDEX=AAh is Disable Configuration Mode code)
ABh
Reserved
ACh
Map SERIRQ IRQ1 Slot Register
ADh
Map SERIRQ IRQ3 Slot Register
AEh
Map SERIRQ IRQ4 Slot Register
AFh
Map SERIRQ IRQ5 Slot Register
B0h
Map SERIRQ IRQ6 Slot Register
B1h
Map SERIRQ IRQ7 Slot Register
B2h
Map SERIRQ IRQ9 Slot Register
B3h
Map SERIRQ IRQ10 Slot Register
B4h
Map SERIRQ IRQ11 Slot Register
B5h
Map SERIRQ IRQ12 Slot Register
B6h
Map SERIRQ IRQ14 Slot Register
B7h
Map SERIRQ IRQ15 Slot Register
B8h
Map SERIRQ INTA# Slot Register
B9h
Map SERIRQ INTB# Slot Register
BAh
Map SERIRQ INTC# Slot Register
BBh
Map SERIRQ INTD# Slot Register
BCh -- BFh
Test
C0h -- EFh
Reserved
F0h
Test
F1h -- FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com