Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 5 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 5 Page - Microchip Technology

  ECE1200 Datasheet HTML 1Page - Microchip Technology ECE1200 Datasheet HTML 2Page - Microchip Technology ECE1200 Datasheet HTML 3Page - Microchip Technology ECE1200 Datasheet HTML 4Page - Microchip Technology ECE1200 Datasheet HTML 5Page - Microchip Technology ECE1200 Datasheet HTML 6Page - Microchip Technology ECE1200 Datasheet HTML 7Page - Microchip Technology ECE1200 Datasheet HTML 8Page - Microchip Technology ECE1200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 5
ECE1200
1.1
System Block Diagrams
1.1.1
GENERAL SYSTEM BLOCK DIAGRAM
The ECE1200 is shown here as a single eSPI Slave, or the Primary Slave of two or more (on eSPI_CS0#).
Note 1: SMI# can instead be presented on SER_IRQ pin (time slot 2) and propagated to the PCH as a Virtual Wire.
2: RCIN# is not supported as a PCH pin in eSPI configuration, and should be exercised internal to the PCH.
3: SUSPWRDNACK is an output extracted from a Virtual Wire, because some eSPI Chipsets do not provide
it as a physical signal. If the LPC device can use this signal for support of the “Chipset G3” Deep Power-
Down mechanism, then make the connection as shown. Otherwise, the pin may be left open.
4: SUSWARN# and SUSACK# pins provide a mandatory handshake, propagated using Virtual Wires that
may not be present as physical signals in all eSPI Chipsets. If the LPC device, or board HW, supports this
handshake for the “DSW” Deep Sleep mechanism, then it may be connected to these pins for this purpose.
Otherwise, the SUSWARN# and SUSACK# pins must be connected directly to each other at the ECE1200
as shown. Without some form of handshake connection between them, the system will not boot.
ECE1200
ESPI_RESET#
ESPI_ALERT#
ESPI_CLK
ESPI_CS#
ESPI_IO0
ESPI_IO1
ESPI_IO2
ESPI_IO3
LPC 
EC or SIO
PCH
SER_IRQ
LPC_CLK0, LPC_CLK1
LFRAME#
LAD0
LAD1
LAD2
LAD3
CLKRUN#
PME# / WAKE#
SUSWARN#
LPC_EN
BOOT_DONE
SLP_S3#,  SLP_S4#,  SLP_S5#
SUSACK#
SCI#
SMI#
logic
SLP_SUS#
RESETI#
RSMRST#
or GPIO
SUSCLK
PLTRST#
SUS_STAT#
LPCPD#
Virtual 
Wires
LRESET#
SUSPWRDNACK
VCC Power Good
(System)
PCH_PWROK
RSMRST# (typ)
(typ)
(opt)
(typ. n/c)
(opt)
DSW Logic, 
if present
Chipset G3
Logic, if 
present
Note 4
Note 3
Note 2
Port 92h
RCIN#
Note 1
(opt)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com