Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 31 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 31 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 27Page - Microchip Technology ECE1200 Datasheet HTML 28Page - Microchip Technology ECE1200 Datasheet HTML 29Page - Microchip Technology ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology ECE1200 Datasheet HTML 32Page - Microchip Technology ECE1200 Datasheet HTML 33Page - Microchip Technology ECE1200 Datasheet HTML 34Page - Microchip Technology ECE1200 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 31
ECE1200
5.8.1
ESPI DEVICE IDENTIFICATION REGISTER
5.8.2
ESPI GENERAL CAPABILITIES AND CONFIGURATIONS REGISTER
TABLE 5-5:
ESPI CONFIGURATION REGISTER SUMMARY
Location
Register Name
04h
eSPI Device Identification Register
08h
eSPI General Capabilities and Configurations Register
10h
eSPI Channel 0 (Peripheral) Capabilities and Configurations Register
20h
eSPI Channel 1 (Virtual Wire) Capabilities and Configurations Register
Location 04h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
0h
-
7:0 Version ID
R
01h
-
Location 08h
Bits
Description
Type
Default
Reset
Event
31 CRC Checking Enable
R/W
0
eSPI
30 Response Modifier Enable
R/W
0
eSPI
29 Reserved
R
0
-
28 Alert Mode
R/W
0
eSPI
27:26 IO Mode Select
R/W
00b
eSPI
25:24 IO Mode Support
R
11b
-
23 Open Drain ALERT# Select
R/W
0
eSPI
22:20 Operating Frequency Select
R/W
000b
eSPI
19 Open Drain ALERT# Supported
R
1
-
18:16 Max Operating Frequency Supported (No limit declared)
R
100b
-
15:12 Max WAIT States Allowed
R/W
0000b
eSPI
11:8 Reserved
R
0000b
-
7:0 Channels Supported (Only Peripheral and Virtual Wire channels)
R
03h
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com