Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 58 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 58 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 54Page - Microchip Technology ECE1200 Datasheet HTML 55Page - Microchip Technology ECE1200 Datasheet HTML 56Page - Microchip Technology ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 87 page
background image
ECE1200
DS00003093C Draft-page 58
 2018-2021 Microchip Technology Inc.
7.0
TEST MECHANISMS
7.1
Introduction
This device has the following test mechanism:
• XNOR Chain for board connectivity test
7.2
References
No references have been cited for this chapter.
7.3
Terminology
Terms are defined in the text below.
7.4
XNOR Chain
7.4.1
OVERVIEW
The XNOR Chain test mode provides a means to confirm that all ECE1200 pins are in contact with the motherboard
during assembly and test operations.
An example of an XNOR Chain test structure is illustrated below in Figure 7-1, "XNOR Chain Test Structure". When
the XNOR Chain test mode is enabled all pins, except for those listed in Section 7.4.2, "Excluded Pins", are discon-
nected from their internal functions and routed as inputs to the XNOR Chain. This allows a single input pin to toggle
the XNOR Chain output if all other input pins are held high or low. The XNOR Chain output is the pin SUSWARN#.
The tests that are performed when the XNOR Chain test mode is enabled require the board-level test hardware to con-
trol the device pins and observe the results at the XNOR Chain output pin; e.g., as described in Section 7.4.3, "Test
Procedure," on page 59.
FIGURE 7-1:
XNOR CHAIN TEST STRUCTURE
I/O#1
I/O#2
I/O#3
I/O#n
XNOR
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com