Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 60 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 60 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 56Page - Microchip Technology ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
ECE1200
DS00003093C Draft-page 60
 2018-2021 Microchip Technology Inc.
8.0
ELECTRICAL SPECIFICATIONS
8.1
Maximum Ratings*
*Stresses exceeding those listed could cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at any other condition above those indicated in the operation sections of this specification
is not implied.
8.1.1
ABSOLUTE MAXIMUM THERMAL RATINGS
8.1.2
ABSOLUTE MAXIMUM SUPPLY VOLTAGE RATINGS
8.1.3
ABSOLUTE MAXIMUM I/O VOLTAGE RATINGS
Note 8-1
The Power Supply used to power the buffer is shown in the Signal Power Well column of Section 2.0
“Pin Configuration”.
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute Max-
imum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
TABLE 8-1:
ABSOLUTE MAXIMUM THERMAL RATINGS
Parameter
Maximum Limits
Operating Temperature Range
-40oC to +85oC (Industrial)
Storage Temperature Range
-55o to +150oC
Lead Temperature Range
Refer to JEDEC Spec J-STD-020B
TABLE 8-2:
ABSOLUTE POWER SUPPLY RATINGS
Symbol
Parameter
Maximum Limits
VTR_CORE_18
1.8V Logic Power Supply with respect to ground
-0.3V to +1.98V
VTR_18
1.8V I/O Power Supply with respect to ground
-0.3V to +1.98V
VTR_33
3.3V I/O Power Supply with respect to ground
-0.3V to +3.63V
Parameter
Maximum Limits
Voltage with respect to ground on SUSCLK input pin
while device is powered off. (Backdrive Tolerance)
-0.5V to +3.63V
Voltage with respect to ground on any signal pin other
than SUSCLK.
-0.5V to ( [Power Well of pin] + 0.5V ) (Note 8-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com