Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 57 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 57 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 53Page - Microchip Technology ECE1200 Datasheet HTML 54Page - Microchip Technology ECE1200 Datasheet HTML 55Page - Microchip Technology ECE1200 Datasheet HTML 56Page - Microchip Technology ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 57
ECE1200
6.11.10
ERROR CYCLE ADDRESS 0 REGISTER
6.11.11
ERROR CYCLE ADDRESS 1 REGISTER
6.11.12
ERROR CYCLE ADDRESS 2 REGISTER
6.11.13
ERROR CYCLE ADDRESS 3 REGISTER
6.11.14
ERROR CYCLE ATTRIBUTES REGISTER
Index
F4h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:0 Byte 0 of the LPC address that was being presented on the
occurrence of the last error.
This is the least-significant byte of any address.
R/W
00h
eSPI_RESET
Index
F5h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:0 Byte 1 of the LPC address that was being presented on the
occurrence of the last error. In I/O accesses, this is the
most-significant address byte.
R/W
00h
eSPI_RESET
Index
F6h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:0 Byte 2 of the LPC address that was being presented on the
occurrence of the last error. Valid in Memory accesses
only.
R/W
00h
eSPI_RESET
Index
F7h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:0 Byte 3 of the LPC address that was being presented on the
occurrence of the last error. Valid in Memory accesses only,
as the most-significant address byte.
R/W
00h
eSPI_RESET
Index
F8h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:2 Reserved
R
00h
-
1 RD_NWR
‘1’ = The last LPC error occurred on a Read access.
‘0’ = The last LPC error occurred on a Write access.
R/W
0
eSPI_RESET
0IO_NMEM
‘1’ = The last LPC error occurred on an I/O access, and the
low-order two bytes of the Error Cycle Address registers
hold the I/O space address.
‘0’ = The last LPC error occurred on a Memory access, and
all four bytes of the Error Cycle Address registers are used
to hold the Memory address.
R/W
0
eSPI_RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com