Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 68 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 68 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology ECE1200 Datasheet HTML 66Page - Microchip Technology ECE1200 Datasheet HTML 67Page - Microchip Technology ECE1200 Datasheet HTML 68Page - Microchip Technology ECE1200 Datasheet HTML 69Page - Microchip Technology ECE1200 Datasheet HTML 70Page - Microchip Technology ECE1200 Datasheet HTML 71Page - Microchip Technology ECE1200 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
ECE1200
DS00003093C Draft-page 68
 2018-2021 Microchip Technology Inc.
9.2.3
PCI, PCI_24 PIN TYPE INPUT TIMING
See the table in Section 2.2.1, "Pin Assignments, 40-Pin VQFN," on page 11 for the pin types. PCI and PCI_24 pin types
have identical input characteristics.
9.3
eSPI Interface Timing
The eSPI Interface conforms to the timings specified by Intel for 50MHz eSPI operation. See the eSPI reference docu-
ments listed in Section 5.2, "References," on page 25.
The frequency is selected strictly using Soft-Strap settings for the Intel Chipset, and the ECE1200 does not itself nego-
tiate to limit it. During initialization of the eSPI bus, the frequency used is 20MHz max, until the Soft-Strap options take
effect.
The clock frequency actually provided by the Intel Chipset may be documented as 48MHz instead. See the relevant
Intel specifications.
TABLE 9-4:
PCI, PCI_24 PIN TYPE INPUT TIMING PARAMETERS
Parameter
Symbol
MIN
TYP
MAX
Unit
Notes
Valid Input Setup to Clock
t1
7
ns
1
Valid Input Hold From Clock
t2
0
1
Note 1: PCI and PCI_24 pin input specs are identical.
t2
LPC_CLKn
Input
Signal
t1
valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com