Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 66 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 66 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology ECE1200 Datasheet HTML 66Page - Microchip Technology ECE1200 Datasheet HTML 67Page - Microchip Technology ECE1200 Datasheet HTML 68Page - Microchip Technology ECE1200 Datasheet HTML 69Page - Microchip Technology ECE1200 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 87 page
background image
ECE1200
DS00003093C Draft-page 66
 2018-2021 Microchip Technology Inc.
9.2
LPC Interface Timing
9.2.1
LPC_CLK[1:0] OUTPUT TIMING
TABLE 9-2:
LPC CLOCK TIMING PARAMETERS
Parameter
Symbol
MIN
TYP
MAX
Unit
Notes
Period
t1
40
41.7
44
ns
1, 2
High Time
t2
15
3
Low Time
t3
3
Rise Time
t4
3
3
Fall Time
t5
3
Note 1: Nominal period (TYP) reflects 24MHz frequency.
2: When allowed to operate without frequency lock, the maximum period does not apply.
3: High, Low, Rise and Fall times use reference points of 20% and 80% of the full voltage swing, as shown.
t1
t2
t3
t4
LPC_CLK0,
LPC_CLK1
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com