Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 52 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 52 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology ECE1200 Datasheet HTML 50Page - Microchip Technology ECE1200 Datasheet HTML 51Page - Microchip Technology ECE1200 Datasheet HTML 52Page - Microchip Technology ECE1200 Datasheet HTML 53Page - Microchip Technology ECE1200 Datasheet HTML 54Page - Microchip Technology ECE1200 Datasheet HTML 55Page - Microchip Technology ECE1200 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
ECE1200
DS00003093C Draft-page 52
 2018-2021 Microchip Technology Inc.
6.11.1
CLOCK ENABLE REGISTER
F5h
Error Cycle Address 1 Register
F6h
Error Cycle Address 2 Register
F7h
Error Cycle Address 3 Register
F8h
Error Cycle Attributes Register
F9h -- FFh
Reserved
Index
38h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0
-
3 CLKRUN_CTL_EN_1
‘1’ = LPC_CLK1 pin may be turned off by CLKRUN#.
‘0’ = LPC_CLK1 pin is free-running. (default)
This bit is lockable in the Clock Control Lock Register.
R/W
0
PLTRST
2 CLKRUN_CTL_EN_0
‘1’ = LPC_CLK0 pin may be turned off by CLKRUN#.
‘0’ = LPC_CLK1 pin is free-running. (default)
This bit is lockable in the Clock Control Lock Register.
R/W
0
PLTRST
1 CLK1_EN
‘1’ = LPC_CLK1 pin may present LPC clocks. (default)
‘0’ = LPC_CLK1 pin is held low.
This bit is lockable in the Clock Control Lock Register.
R/W
1
PLTRST
0 CLK0_EN
‘1’ = LPC_CLK0 pin may present LPC clocks. (default)
‘0’ = LPC_CLK0 pin is held low.
This bit is lockable in the Clock Control Lock Register.
R/W
1
PLTRST
TABLE 6-4:
LPC REGISTER SUMMARY (CONTINUED)
Index
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com