Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 15 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 15 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 11Page - Microchip Technology ECE1200 Datasheet HTML 12Page - Microchip Technology ECE1200 Datasheet HTML 13Page - Microchip Technology ECE1200 Datasheet HTML 14Page - Microchip Technology ECE1200 Datasheet HTML 15Page - Microchip Technology ECE1200 Datasheet HTML 16Page - Microchip Technology ECE1200 Datasheet HTML 17Page - Microchip Technology ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 15
ECE1200
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
2.80
2.80
MILLIMETERS
0.40 BSC
MIN
E
MAX
4.90
Contact Pad Length (X40)
Contact Pad Width (X40)
Y1
X1
0.90
0.20
NOM
1
2
40
C1
Contact Pad Spacing
4.90
Contact Pad to Center Pad (X40)
G1
0.60
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2018 Microchip Technology Inc.
Contact Pad to Contact Pad (X36)
G2
0.20
C1
EV
C2
EV
X2
Y2
E
X1
Y1
G1
G2
ØV
SILK SCREEN
Microchip Technology Drawing C04-2496 Rev A
40-Lead Very Thin Plastic Quad Flat, No Lead Package (LDX) - 5x5 mm Body [VQFN]
With 2.7x2.7 mm Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com