Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 54 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 54 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 50Page - Microchip Technology ECE1200 Datasheet HTML 51Page - Microchip Technology ECE1200 Datasheet HTML 52Page - Microchip Technology ECE1200 Datasheet HTML 53Page - Microchip Technology ECE1200 Datasheet HTML 54Page - Microchip Technology ECE1200 Datasheet HTML 55Page - Microchip Technology ECE1200 Datasheet HTML 56Page - Microchip Technology ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
ECE1200
DS00003093C Draft-page 54
 2018-2021 Microchip Technology Inc.
6.11.4
CLKRUN IDLE CLOCKS REGISTER
6.11.5
SERIRQ ENABLE AND MODE REGISTER
Index
3Dh of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:2 Number of Idle Clocks
This is the minimum number of clocks after CLKRUN# goes
high before LPC clocks get turned off.
Zero represents the CLKRUN# compliant minimum. (default)
A Non-Zero value increases this time by 4 clocks per unit.
R/W
00h
PLTRST
1 Reserved
R
0
-
0 Reserved.
R
0
-
Index
40h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7SIRQ_EN
‘1’ = The Serial IRQ feature is enabled. When writing ‘1’ to this
bit initially, it is required to write ‘1’ to the SIRQ_MD bit also.
‘0’ = The Serial IRQ feature is disabled. (default)
R/W
0
PLTRST
6SIRQ_MD
‘1’ = Serial IRQ is in Continuous Mode.
‘0’ = Serial IRQ is in Quiet Mode. (This is the hardware default,
but it must be overwritten temporarily to ‘1’ when enabling
Serial IRQ.)
R/W
0
PLTRST
5:2 FORMAT
This field permanently selects the 21-slot format, and is pre-
sented Read-Only for legacy purposes.
R
0100b
PLTRST
1:0 START_PW
‘00’ = Start Pulse is 4 clocks wide. (default)
‘01’ = Start Pulse is 6 clocks wide.
‘10’ = Start Pulse is 8 clocks wide.
‘11’ = Reserved
R/W
00b
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com