Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 37 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 37 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 33Page - Microchip Technology ECE1200 Datasheet HTML 34Page - Microchip Technology ECE1200 Datasheet HTML 35Page - Microchip Technology ECE1200 Datasheet HTML 36Page - Microchip Technology ECE1200 Datasheet HTML 37Page - Microchip Technology ECE1200 Datasheet HTML 38Page - Microchip Technology ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 37
ECE1200
Re-assignment of this default Base Address is only required if the system’s Port 80h display function is not located on
the LPC bus, downstream of the ECE1200. See Section 6.8.2.1, "Routing Within the Host Chipset," on page 37, for a
brief application note on possible system routing variations.
If it is desired to perform a Base Address re-assignment, use the following steps:
1.
According to Section 6.8.2.1, "Routing Within the Host Chipset," on page 37, set up the Host Chipset to ensure
that Port 80h / RPR traffic is routed to the ECE1200, if only temporarily.
2.
According to Section 6.3.1, write the value 55h to the INDEX I/O location at 8Ch to enable register access.
3.
If it is possible that this sequence is happening without a previous PLTRST# reset assertion, ensure that Logical
Device 0 is selected, by doing the following:
a) Write 07h to the INDEX location 8Ch, designating the global Logical Device Number Register.
b) Write 00h to the DATA location 8Dh.
4.
Designate a new Base Address:
a) Write 36h to the INDEX location 8Ch, designating the I/O BAR Address LS Register.
b) Write the LS byte of the new Base Address to the DATA location 8Dh.
c)
Write 37h to the INDEX location 8Ch, designating the I/O BAR Address MS Register.
d) Write the MS byte of the new Base Address to the DATA location 8Dh.
Note that all four Writes must be performed, and in this order, even if they do not change a value that is already
in one of the registers. Until this sequence is done completely, none of the 16-bit value changes internally.
5.
If routing in the Chipset for Step 1 above was intended to be temporary, it may now be restored.
From this point onward, the ECE1200 will recognize only the new Base Address, and no longer 8Ch/8Dh, for accesses
to its internal registers.
6.8.2.1
Routing Within the Host Chipset
The initial default routing within the Host Chipset directs the Port 80h I/O region (including Ports 8Ch/8Dh) to the eSPI
bus, on eSPI Chip Select #0 (CS0#).
In eSPI Chipsets supporting more than one device on separate Chip Selects, the ECE1200 may reside on a different
Chip Select (for example CS1#). A bit is provided in these Chipsets to re-route the Port 80h / RPR region to one of these
other Chip Selects. As an example, for eSPI CS1# in the C620 series Chipset’s PCH, this is the DPCS1RE bit, at bit
position [14] of register PCCS1IORE.
Another available routing selection in most Chipsets is to map the Port 80h / RPR region onto the PCIe bus instead of
eSPI. Since that routes the region away from eSPI entirely, the ECE1200 will need to have its Base Address re-assigned
elsewhere unconditionally. Within the PCH, this routing is controlled by the RPR bit in register GCR, but note that this
bit’s default state still routes to eSPI initially.
6.8.3
ENABLE REGISTER ACCESS
If not already done as part of Section 6.8.2, "Base Address Re-Assignment (Optional)," on page 36, then write the value
55h to the INDEX I/O location to enable register access according to Section 6.3.1.
6.8.4
SET UP SERIAL IRQ
The SERIRQ Enable and Mode Register must be initialized in order to set up and start Serial IRQ traffic. It is in the
Logical Device 01h register region.
When starting the Serial IRQ function, it is necessary to set the SIRQ_EN bit and the SIRQ_MD bit both to ‘1’ in the
same Write transfer. This starts the Serial IRQ traffic in Continuous Mode initially. Quiet Mode may be selected optionally
at a later time.
IRQ slots are propagated over eSPI using their legacy IRQ numbers by default, but may be re-designated if desired
using registers in Logical Device 00h, at indexes ACh through B7h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com