Electronic Components Datasheet Search
  English  ▼

X  

ECE1200 Datasheet(PDF) 61 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 61 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 61
ECE1200
8.2
Operational Specifications
8.2.1
POWER SUPPLY OPERATIONAL CHARACTERISTICS
8.2.2
PCI AND PCI-24 PIN TYPE DC ELECTRICAL CHARACTERISTICS
The specifications for the PCI-compliant pins are listed here from the PCI Standard directly, to include only those spec-
ifications that are relevant to LPC, SER_IRQ and CLKRUN# pin functions.The PCI-24 pin type is the same as the rest
of the PCI pins for these specifications.
Note:
Weak pull-up/pull-down functionality is not provided internally for these pins. They must be provided exter-
nally, as specified in the relevant LPC and PCI standards. See Section 4.2, "References," on page 20.
8.2.3
LCLK PIN TYPE DC ELECTRICAL CHARACTERISTICS
The specifications for the LPC Clocks are listed here. These pin characteristics are not part of the PCI specification,
since they are outputs instead of inputs.
TABLE 8-3:
POWER SUPPLY OPERATING CONDITIONS
Symbol
Parameter
MIN
TYP
MAX
Units
VTR_CORE_18
1.8V Core Logic Power Supply with
respect to ground
1.71
1.80
1.89
V
VTR_18
1.8V I/O Power Supply with respect to
ground
1.71
1.80
1.89
V
VTR_33
3.3V I/O Power Supply with respect to
ground
3.135
3.3
3.465
V
Note:
The specification for the VTR_CORE_18, VTR_18 and VTR_33 supplies represents +/- 5% from nominal.
TABLE 8-4:
PCI AND PCI-24 DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
MAX
Units
Notes
Input High Voltage
Vih
0.7 x
VTR_33
VTR_33
+ 0.5
V
Input Low Voltage
Vil
-0.5
0.3 x
VTR_33
V
Input Pull-up Voltage
Vipu
0.7 x
VTR_33
V
Voltage guaranteed to
avoid internal Receiver
leakage.
Input Leakage Current
Iil
Vin > 0V and
Vin < VTR_33
+/- 10
uA
Applies both to inputs
and to hi-Z output states
of I/O pins.
Output High Voltage
Voh
Iout = -500 uA
0.9 x
VTR_33
V
Output Low Voltage
Vol
Iout = 1500 uA
0.1 x
VTR_33
V
Input Pin Capacitance
Cin
10
pF
TABLE 8-5:
LCLK DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Notes
Output High Voltage
VOH
IOH = -16mA
2.4
V
Output Low Voltage
VOL
IOL = 16mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com