Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 29 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 29 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 25Page - Microchip Technology ZL30263 Datasheet HTML 26Page - Microchip Technology ZL30263 Datasheet HTML 27Page - Microchip Technology ZL30263 Datasheet HTML 28Page - Microchip Technology ZL30263 Datasheet HTML 29Page - Microchip Technology ZL30263 Datasheet HTML 30Page - Microchip Technology ZL30263 Datasheet HTML 31Page - Microchip Technology ZL30263 Datasheet HTML 32Page - Microchip Technology ZL30263 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
ZL30260-ZL30263
Data Sheet
29
© 2021 Microchip Technology Inc.
DS20006554A
For ZL30260 and ZL30262, the device optionally can configure itself at reset from an external EEPROM connected
to its SPI interface. The EEPROM can store up to eight configurations, known as configurations 0 through 7. As
described in section 5.2.1, IF[1:0] must be 11 at reset, and the device configuration to be used is specified by the
values of the AC[2:0] pins at reset (0 through 7).
For ZL30261 and ZL30263, the internal EEPROM memory can store up to eight device configurations, known as
configurations 0 through 7. As described in section 5.2.2, the device configuration to be used is specified by the
values of the AC[2:0] pins at reset.
5.11.1 Generating Device Configurations
Device configurations are most easily generated using the evaluation software. This is true for auto-configurations
stored in internal or external EEPROM and for configurations that are written to the device by a system processor.
See section 5.12 for guidance if device configurations must be developed without using the evaluation software.
5.11.2 Direct EEPROM Write Mode (ZL30261 and ZL30263 Only)
To simplify writing the
device’s internal EEPROM during manufacturing, the device has a test mode known as direct
EEPROM write mode. The device enters this mode when TEST=1, AC[2:0]=000 and IF[1:0]=11 on the rising edge
of RSTN. In this mode the EEPROM memory is mapped into the address map and can be written as needed to store
configuration scripts in the device. Device registers are not accessible in this mode. The device exits this mode on
the rising edge of RSTN. Note: the device drives the MISO pin continually during this mode. Therefore this mode
cannot be used when MOSI and MISO are tied together as described in the Design Option: Wiring MOSI and MISO
Together paragraph in section 5.7.1.
5.11.3 Holding Other Devices in Reset During Auto-Configuration
Using the appropriate GPIOCR and GPIO0SS registers, a GPIO pin can be configured to follow the
GLOBISR.BCDONE status bit. This GPIO can then be used as a reset signal to hold other devices (device that use
clocks from this device) in reset while the device configures itself. As an example, to configure GPIO0 to follow
BCDONE with 0=reset add the following writes at the beginning of the configuration file: write 0x1F to GPIO0SS and
write 0x04 to GPIOCR1.
5.12 Configuration Sequence
Device configurations are most easily generated using the evaluation software, which automatically generates
configurations that follow Microchip
’s suggested sequence. To develop device configurations manually (i.e. from
device documentation rather than the evaluation software) see Application Note ZLAN-590 for Microchip
’s suggested
device configuration sequence.
5.13 Power Supply Decoupling and Layout Recommendations
Application Note ZLAN-592 describes recommended power supply decoupling and layout practices.
5.14 Choosing Among Core Power Supply Options
The device supports the following core supply voltage options:
VDDH
VDDL
3.3V
3.3V
3.3V
1.8V
2.5V
2.5V
2.5V
1.8V
Choosing the best option depends on several factors including supply voltages available on the board, willingness
to use low-dropout (LDO) linear regulators to make local power supplies for the device, board power supply noise
and mitigation strategies, target jitter performance, and how many device resources are enabled.
Starting with the VDDH=VDDL=3.3V option, the advantages of this option are (1) the device only requires a single
power supply voltage (assuming all output driver VDDOx supplies are also 3.3V), and (2) internal regulation is used
for the APLL, maximizing power supply noise rejection. The disadvantage is that power consumption is higher than
other options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com