Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 77 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 77 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 73Page - Microchip Technology ZL30263 Datasheet HTML 74Page - Microchip Technology ZL30263 Datasheet HTML 75Page - Microchip Technology ZL30263 Datasheet HTML 76Page - Microchip Technology ZL30263 Datasheet HTML 77Page - Microchip Technology ZL30263 Datasheet HTML 78Page - Microchip Technology ZL30263 Datasheet HTML 79Page - Microchip Technology ZL30263 Datasheet HTML 80Page - Microchip Technology ZL30263 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
ZL30260-ZL30263
Data Sheet
77
© 2021 Microchip Technology Inc.
DS20006554A
Characteristics
Symbol
Min.
Typ.1
Max
Units
Notes
VDDL supply current change from enabling or
disabling an output for CMOS or HSTL
IDDLC
16
mA
VDDOx supply current change from enabling or
disabling an LVDS output
IDDOD
9
mA
VDDOx supply current change from enabling or
disabling an LVPECL output
IDDOP
15
mA
VDDOx supply current change from enabling or
disabling an HCSL output
IDDOHC
15
mA
Note 5
VDDOx supply current change from enabling or
disabling a CMOS output
IDDOC
6
mA
Note 3
VDDOx supply current change from enabling or
disabling an HSTL output
IDDOHS
6
mA
Note 4
Note 1:
Typical values measured at nominal supply voltages and 25
C ambient temperature.
Note 2:
Max IDD measurements made with all blocks enabled, 650MHz signals on IC1 and IC2 inputs, 187.5MHz signal on IC3, Crystal driver
and doubler off , VCO frequency of 3750MHz, APLL output dividers dividing by 6, all MSDIV dividing by 2, all LSDIV dividing by 2,
all outputs enabled as LVPECL outputs driving 156.25MHz signals, and all VDDO at same voltage as VDDH. Typical IDD
measurements made with same setup as max IDD but APLL fractional dividers disabled and only six outputs enabled with LVDS
signal format.
Note 3:
VDDOx=3.3V, 1x drive strength, fO=250MHz, 2pF load
Note 4:
VDDOx=1.8V, 2x drive strength, fO=100MHz, 100 differential termination.
Note 5:
50
 to ground each on OCxP and OCxN.
Table 7 - Electrical Characteristics: Non-Clock CMOS Pins
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
Input high voltage
V
IH
0.7 x
VDDIO
V
Input low voltage
V
IL
0.3 x
VDDIO
V
Input leakage current, all digital inputs
I
IL
-10
10
A
Note 1
Input capacitance
C
IN
3
10
pF
Input capacitance, SCL/SCLK, SDA/MOSI
C
IN
3
11
pF
Input hysteresis, SCL and SDA in I2C Bus Mode
0.05 x
VDDIO
mV
Output leakage (when high impedance)
I
LO
-10
10
A
Note 1
Output high voltage
V
OH
0.8 x
VDDIO
V
IO = -3.0mA
Output low voltage
V
OL
0.2 x
VDDIO
V
IO = 3.0mA
Clock output on GPIO pin, frequency
fOUT
50
MHz
Note 3
Clock output on GPIO pin,
rise/fall time
VDDIO=1.8V
tR, tF
2.3
ns
Notes 3, 4
VDDIO=2.5V
1.5
ns
Notes 3, 4
VDDIO=3.3V
1.2
ns
Notes 3, 4
Note 1:
0V < VIN < VDDIO for all other non-clock inputs.
Note 2:
VOH does not apply for SCL and SDA in I
2C interface mode since they are open drain.
Note 3:
To output a clock on a GPIO pin, an OCx output must be configured with NEGLSD=1 and SRLSEN=1 in OCxCR3 and the GPIO
must be configured to as a status output following OCxSR.LSCLK (see the GPIOCR and GPIOxSS registers). Output jitter is not
guaranteed for clock signals on GPIO pins but is typically 1 to 5ps rms 12kHz to 20MHz.
Note 4:
20%-80%, 15pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com