Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 82 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 82 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 78Page - Microchip Technology ZL30263 Datasheet HTML 79Page - Microchip Technology ZL30263 Datasheet HTML 80Page - Microchip Technology ZL30263 Datasheet HTML 81Page - Microchip Technology ZL30263 Datasheet HTML 82Page - Microchip Technology ZL30263 Datasheet HTML 83Page - Microchip Technology ZL30263 Datasheet HTML 84Page - Microchip Technology ZL30263 Datasheet HTML 85Page - Microchip Technology ZL30263 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
ZL30260-ZL30263
Data Sheet
82
© 2021 Microchip Technology Inc.
DS20006554A
Characteristics
Test Conditions
Min
Typ
Max
Units
PCI Express 2.1, Common Refclk Jitter
10kHz to 1.5MHz, Notes 9
0.12
0.3
ps RMS
1.5MHz to 50MHz, Notes 9
1.7
3.1
ps RMS
PCI Express 3.0, Common Refclk Jitter
Note 8
0.09
0.12
ps RMS
PCI Express 4.0, Common Refclk Jitter
Note 8
0.09
0.12
ps RMS
PCI Express 5.0, Common Refclk Jitter
Note 6, 13
0.08
0.09
ps RMS
Period Jitter, 100MHz
Notes 10, 11
9-20
27
ps pk-pk
Cycle-to-Cycle Jitter, 100MHz
Notes 10, 11
8-18
26
ps
Random Jitter, fractional output divider
Notes 1, 7
0.26
0.3
ps RMS
Deterministic Jitter, fractional output divider
Note 7
0.3
6
ps pk-pk
Total Jitter, fractional output divider
12kHz-20MHz
Note 5, 7
3-5
10.25
ps pk-pk
Note 1:
Jitter calculated from integrated phase noise from 12kHz to 20MHz. Phase jitter includes spurs (if present). Random jitter does
not include spurs.
Note 2:
Jitter calculated from integrated phase noise from 1.875MHz to 20MHz.
Note 3:
With 50MHz crystal doubled as APLL input, APLL VCO frequency 3750MHz, divide by 6 using APLL integer divider, then divide
by 4 in output medium-speed divider..
Note 4:
Requires phase alignment capability described in section 5.6.5. Only applies for outputs that have the same signal format, VDDO
voltage. drive strength and loading/termination. Also,
this skew spec doesn’t apply to OCxN when an output pair is configured
with OCxCR3.NEGLSD=1; in this configuration OCxN lags OCxP by up to 1ns.
Note 5:
Total Jitter = Deterministic Jitter + 14 x Random Jitter.
Note 6:
With 50MHz crystal doubled as APLL input. All output clocks 100MHz HCSL format. Jitter is from the PCIe jitter filter combination
that produces the highest jitter.
Note 7:
Output frequencies
 25MHz. Tested at 156.25MHz.
Note 8:
With 50MHz crystal doubled as APLL input. Integer divisor case tested with APLL VCO frequency 3750MHz. Fractional divisor
case tested with VCO frequency 3993.6MHz. PCI Express 3.0 and 4.0 case tested with APLL VCO frequency 3750MHz.
Note 9:
With 50MHz crystal doubled as APLL input and APLL VCO frequency 3993.6MHz. All output clocks 100MHz HCSL format. Jitter
is from the PCIe jitter filter combination that produces the highest jitter. Applies (a) when spread spectrum modulation is disabled
and (b) when spread spectrum modulation in the fractional output divider is 0.25% downspread modulated at 31.5kHz.
Note 10:
Measured using Tektronix MSO71604C, Mixed Signal Oscilloscope with DPOJET software. Measured with 3750MHz VCO
frequency, 200MHz out of the fractional divider, and 100MHz out of the medium-speed divider.
Note 11:
N=10000
Note 12:
AFBDL.FBSEL=11. Tested with 125MHz into IC1, APLL VCO frequency of 3750MHz, APLL integer divider set to 5, OCx medium-
speed dividers set to 6, OCx 125MHz output frequency. Only applies for outputs that have the same signal format, output divider
usage, VDDO voltage, drive strength and load/termination. Also,
this delay spec doesn’t apply to OCxN when an output pair is
configured with OCxCR3.NEGLSD=1; in this configuration OCxN lags OCxP by up to 1ns.
Note 13:
With frequency extended to 200MHz per PCI Express Base 5.0 version 1.0 specification, section 8.6.7 note 2.
Table 16 - Electrical Characteristics: Typical Output Phase Jitter from the APLL Integer Divider
Output Frequency
Output Jitter, ps RMS
125MHz XO Reference1
Output Jitter, ps RMS
50MHz Crystal Reference2
625MHz
0.180
0.185
156.25MHz
0.227
0.23
125MHz
0.228
0.23
25MHz CMOS
0.275
0.29
622.08MHz
0.25
0.26
625MHz * 66/64
0.255
0.26
156.25MHz * 66/64
0.27
0.28
614.4MHz
0.26
0.27
153.6MHz
0.275
0.28
Note 1:
APLL locked to external 125MHz XO (Vectron VCC1-1535-125M000).
Note 2:
APLL locked to external 50MHz crystal (TXC 7M50070021), internal doubler enabled when multiplication is fractional.
Note 3:
All signals are differential unless otherwise stated. Jitter is integrated 12kHz to 5MHz for 25MHz output frequency and 12kHz to
20MHz for all other output frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com