Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 65 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 65 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 61Page - Microchip Technology ZL30263 Datasheet HTML 62Page - Microchip Technology ZL30263 Datasheet HTML 63Page - Microchip Technology ZL30263 Datasheet HTML 64Page - Microchip Technology ZL30263 Datasheet HTML 65Page - Microchip Technology ZL30263 Datasheet HTML 66Page - Microchip Technology ZL30263 Datasheet HTML 67Page - Microchip Technology ZL30263 Datasheet HTML 68Page - Microchip Technology ZL30263 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
ZL30260-ZL30263
Data Sheet
65
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
F1BP
Register Description:
APLL Fractional Output Divider Truncate Bit Position
Register Address:
14Eh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
FBP[5:0]
Default
0
0
0
0
0
0
0
0
Bits 5 to 0: APLL Fractional Output Divider Truncate Bit Position (FBP[5:0]). This unsigned integer specifies
the number of fractional bits that are valid in the fractional output divider value (FDIV). There are 36 fractional bits in
FDIV. The value in this FBP field specifies 36
– number_of_valid_FDIV_fractional_bits. When FBP=0 all 36 FDIV
fractional bits are valid. When FBP=12, the most significant 24 FDIV fractional bits are valid and the least significant
12 bits must be set to 0. This register field is only used when the feedback divider value is expressed in the form
FDIV + FREM / FDEN. FBP values greater than 36 are invalid. See section 5.5.5.
6.3.4
Path 2 Configuration Registers
Register Name:
P2CR1
Register Description:
Path 2 Configuration Register 1
Register Address:
180h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
DALIGN
EXTSS[1:0]
—
—
1
—
Default
0
0
0
0
0
0
1
0
Bit 6: Align Output Dividers (DALIGN). A 0-to-1 transition on this bit causes a simultaneous reset of the medium-
speed dividers and the low-speed dividers for all output clocks where OCxCR1.PHEN=1. After this reset all PHEN=1
output clocks with frequencies that are exactly integer multiples of one another will be rising-edge aligned as specified
by their OCxPH registers. This bit should be set then cleared once during system startup. Setting this bit during
normal system operation can cause phase jumps in the output clock signals.
Bits 5 to 4: External Switch Source Select (EXTSS[1:0]). This field selects the GPIO source for the external switch
control signal. It is only valid when P2CR3.EXTSW=1. See section 5.5.1.
00 = GPIO0
01 = GPIO1
10 = GPIO2
11 = GPIO3
Register Name:
P2CR3
Register Description:
Path 2 Configuration Register 3
Register Address:
182h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
EXTSW
ALTMUX[2:0]
MUX[2:0]
Default
0
0
0
0
0
0
1
1
Bit 6: Path 2 External Switching Mode (EXTSW). This bit enables Path 2 external reference switching mode. In
this mode, if the selected GPIO signal is low the Path 2 input mux is controlled by P2CR1.MUX. If the selected GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com