Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 70 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 70 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 66Page - Microchip Technology ZL30263 Datasheet HTML 67Page - Microchip Technology ZL30263 Datasheet HTML 68Page - Microchip Technology ZL30263 Datasheet HTML 69Page - Microchip Technology ZL30263 Datasheet HTML 70Page - Microchip Technology ZL30263 Datasheet HTML 71Page - Microchip Technology ZL30263 Datasheet HTML 72Page - Microchip Technology ZL30263 Datasheet HTML 73Page - Microchip Technology ZL30263 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
ZL30260-ZL30263
Data Sheet
70
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
OCxCR3
Register Description:
Output Clock x Configuration Register 3
Register Address:
OC1: 204h, OC2: 214h, OC3: 224h, OC4: 234h, OC5: 244h
OC6: 254h, OC7: 264h, OC8: 274h, OC9: 284h, OC10: 294h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
SRLSEN
—
NEGLSD
LSSEL
—
ASQUEL
—
LSDIV[24]
Default
0
0
0
0
0
0
0
0
Bit 7: Enable LSDIV Statuses (SRLSEN). This bit enables the OCxSR.LSCLK real-time status bit and its associated
latched status bit OCxSR.LSCLKL.
0 = LSCLK status bit is not enabled (low)
1 = LSCLK status bit is enabled
Bit 5: OCxN Low Speed Divider (NEGLSD). This bit selects the source of the clock on the OCxN pin in CMOS
mode. See section 5.6.2.
0 = Same as OCxP
1 = Output of the LSDIV divider
Note: NEGLSD should only be set to one in two-CMOS mode (OCxCR2.OCSF=100 or 111), when
OCxCR2.POL=0, and when OCxCR3.LSSEL=0.
Bit 4: LSDIV Select (LSSEL). This bit selects the source of the output clock. When the MSDIV divider is selected
(LSSEL=0) the LSDIV divider output can be independently selected as the source for the OCxN pin (in CMOS output
mode) or monitored by the OCxSR.LSCLK status bit. This bit is only valid when OCxCR1.MSDIV > 0. See section
5.6.2.
0 = The output clock is sourced from the MSDIV divider.
1 = The output clock is sourced from the LSDIV divider.
Bit 2: Auto-Squelch Enable (ASQUEL). This bit enables automatic squelching of the output clock whenever (a)
automatic input switching is enabled for the APLL, and (b) the input monitors indicate that the inputs specified by the
APLL’s APLLMUX and ALTMUX fields are both invalid. OCxSTOP.MODE specifies the type of stop (high, low, high-
impedance) and the output clock edge on which to stop. When a differential output or a CMOS complementary output
is squelched, its OCxN pin is opposite polarity of its OCxP pin.
0 = Auto-squelch disabled
1 = Auto-squelch enabled
Bit 0: Low-Speed Divider Value (LSDIV[24]). See the OCxDIV1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com