Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 50 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 50 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 46Page - Microchip Technology ZL30263 Datasheet HTML 47Page - Microchip Technology ZL30263 Datasheet HTML 48Page - Microchip Technology ZL30263 Datasheet HTML 49Page - Microchip Technology ZL30263 Datasheet HTML 50Page - Microchip Technology ZL30263 Datasheet HTML 51Page - Microchip Technology ZL30263 Datasheet HTML 52Page - Microchip Technology ZL30263 Datasheet HTML 53Page - Microchip Technology ZL30263 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
ZL30260-ZL30263
Data Sheet
50
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
OCxSR
Register Description:
Output Clock x Status Register
Register Address:
OC1: 50h, OC2: 51h, OC3: 52h, OC4: 53h, OC5: 54h
OC6: 55h, OC7: 56h, OC8: 57h, OC9: 58h, OC10: 59h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
LSCLKIE
LSCLKL
LSCLK
STARTIE
STARTL
STOPIE
STOPL
STOPD
Default
0
0
0
0
0
0
0
0
Bit 7: (LSCLKIE). This bit enables the LSCLKL latched status bit to
send an interrupt request into device’s interrupt
logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 6: (LSCLKL). This latched status bit is set when the low-speed divider output clock transitions low-to-high.
Writing a 1 to this bit clears it.
0 = Low speed output clock has not transitioned low to high
1 = Low speed output clock has transitioned low to high
Bit 5:
(LSCLK). This real-time status bit follows the level of the low-speed divider output clock when the
OCxCR3.SRLSEN bit is set.
0 = LSCLK is high
1 = LSCLK is low
Bit 4: (STARTIE). This bit enables the STARTL latched status bit to
send an interrupt request into device’s interrupt
logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 3: (STARTL). This latched status bit is set when the output clock signal has been started after being stopped.
Writing a 1 to this bit clears it. See section 5.6.6.
0 = Output clock signal has not resumed from being stopped
1 = Output clock signal has resumed from being stopped
Bit 2: (STOPIE). This bit enables the STOPL latched status bit to
send an interrupt request into device’s interrupt
logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 1: (STOPL). This latched status bit is set when the output clock signal has been stopped. Writing a 1 to this bit
clears it. See section 5.6.6.
0 = Output clock signal has not stopped
1 = Output clock signal has stopped
Bit 0: (STOPD). This real-time status bit is high when the output clock signal is stopped and low when the output
clock is not stopped. See section 5.6.6.
0 = Output clock signal is not stopped
1 = Output clock signal is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com