Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 88 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 88 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 84Page - Microchip Technology ZL30263 Datasheet HTML 85Page - Microchip Technology ZL30263 Datasheet HTML 86Page - Microchip Technology ZL30263 Datasheet HTML 87Page - Microchip Technology ZL30263 Datasheet HTML 88Page - Microchip Technology ZL30263 Datasheet HTML 89Page - Microchip Technology ZL30263 Datasheet HTML 90Page - Microchip Technology ZL30263 Datasheet HTML 91Page - Microchip Technology ZL30263 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
ZL30260-ZL30263
Data Sheet
88
© 2021 Microchip Technology Inc.
DS20006554A
8. Package and Thermal Information
Table 23 - 8x8mm QFN Package Thermal Properties
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS
Maximum Ambient Temperature
TA
85
C
Maximum Junction Temperature
TJMAX
125
C
Junction to Ambient Thermal Resistance
(Note 1)
JA
still air
15.1
C/W
1m/s airflow
12.4
2.5m/s airflow
10.6
Junction to Board Thermal Resistance
JB
3.2
C/W
Junction to Case Thermal Resistance
JC
7.3
C/W
Junction to Pad Thermal Resistance
(Note 2)
JP
Still air
0.9
C/W
Junction to Top-Center Thermal
Characterization Parameter
JT
Still air
0.1
C/W
Note 1:
Theta-JA (
JA) is the thermal resistance from junction to ambient when the package is mounted on an 8-layer JEDEC standard test
board and dissipating maximum power.
Note 2:
Theta-JP (
JP) is the thermal resistance from junction to the center exposed pad on the bottom of the package.
Note 3:
For all numbers in the table, the exposed pad is connected to the ground plane with a 9x9 array of thermal vias; via diameter
0.33mm; via pitch 0.76mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com