Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 67 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 67 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 63Page - Microchip Technology ZL30263 Datasheet HTML 64Page - Microchip Technology ZL30263 Datasheet HTML 65Page - Microchip Technology ZL30263 Datasheet HTML 66Page - Microchip Technology ZL30263 Datasheet HTML 67Page - Microchip Technology ZL30263 Datasheet HTML 68Page - Microchip Technology ZL30263 Datasheet HTML 69Page - Microchip Technology ZL30263 Datasheet HTML 70Page - Microchip Technology ZL30263 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
ZL30260-ZL30263
Data Sheet
67
© 2021 Microchip Technology Inc.
DS20006554A
6.3.5
Output Clock Configuration Registers
Register Name:
OCxCR1
Register Description:
Output Clock x Configuration Register 1
Register Address:
OC1: 200h, OC2: 210h, OC3: 220h, OC4: 230h, OC5: 240h
OC6: 250h, OC7: 260h, OC8: 270h, OC9: 280h, OC10: 290h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
PHEN
MSDIV[6:0]
Default
0
0
0
0
0
0
0
0
Bit 7: Phase Alignment Enable (PHEN). This bit enables this output to participate in phase alignment. See section
5.6.5.
0 = Phase alignment disabled for this output
1 = Phase alignment enabled for this output
Bits 6 to 0: Medium-Speed Divider Value (MSDIV[6:0]). This field specifies the setting for the output clock's
medium-speed divider. The divisor is MSDIV+1. Note that if MSDIV is not set to 0 (bypass) then the maximum input
clock frequency to the medium-speed divider is 750MHz and the maximum output clock frequency from the medium-
speed divider is 375MHz. When MSDIV=0, the medium-speed divider, phase adjust, low-speed divider, start/stop
and output duty cycle adjustment circuits are bypassed and the high-frequency clock signal is sent to the directly
output driver. See section 5.6.2.
Register Name:
OCxCR2
Register Description:
Output Clock x Configuration Register 2
Register Address:
OC1: 201h, OC2: 211h, OC3: 221h, OC4: 231h, OC5: 241h
OC6: 251h, OC7: 261h, OC8: 271h, OC9: 281h, OC10: 291h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
POL
DRIVE[1:0]
OCSF[3:0]
Default
0
0
0
0
0
0
0
0
Bit 6: Clock Path Polarity (POL). The clock path to the output driver is inverted when this bit set. This does not
invert the LSDIV path to the CMOS OCxN pin if that path is enabled. See section 5.6.1.
Bits 5 to 4: CMOS/HSTL Output Drive Strength (DRIVE[1:0]). The CMOS/HSTL output drivers have four equal
sections that can be enabled or disabled to achieve four different drive strengths from 1x to 4x. When the output
power supply VDDOx is 3.3V or 2.5V, the user should start with 1x and only increase drive strength if the output is
highly loaded and signal transition time is unacceptable. When VDDOx is 1.8V or 1.5V the user should start with 4x
and only decrease drive strength if the output signal has unacceptable overshoot. See section 5.6.1.
00 = 1x
01 = 2x
10 = 3x
11 = 4x
Bits 3 to 0: Output Clock Signal Format (OCSF[3:0]). See section 5.6.1.
0000 = Disabled (high-impedance, low power mode)
0001 = LVDS
(VOD is forced to 400mV and OCxDIFF.VOD is ignored)
0010 = Differential (default is LVPECL with VCM=1.2V, programmable using OCxDIFF fields)
0011 = HSTL
(set OCxCR2.DRIVE=11 (4x) to meet JESD8-6)
0100 = Two CMOS: OCxN in phase with OCxP
0101 = One CMOS: OCxP enabled, OCxN high impedance
0110 = One CMOS: OCxP high impedance, OCxN enabled
0111 = Two CMOS: OCxN inverted vs. OCxP
1010 = HCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com