Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 92 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 92 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 86Page - Microchip Technology ZL30263 Datasheet HTML 87Page - Microchip Technology ZL30263 Datasheet HTML 88Page - Microchip Technology ZL30263 Datasheet HTML 89Page - Microchip Technology ZL30263 Datasheet HTML 90Page - Microchip Technology ZL30263 Datasheet HTML 91Page - Microchip Technology ZL30263 Datasheet HTML 92Page - Microchip Technology ZL30263 Datasheet HTML 93Page - Microchip Technology ZL30263 Datasheet HTML 94Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
ZL30260-ZL30263
Data Sheet
92
© 2021 Microchip Technology Inc.
DS20006554A
Revision
Description
In Table 1 pin descriptions for AC0/GPIO0, AC1/GPIO1, AC2/GPIO2 and TEST/GPIO3 added
note.
01-Oct-2018
In Table 15:
• Reduced integer output divider PCIe 3.0 jitter to 0.08 typical, 0.10 max (ps RMS) and added
new row for PCIe 4.0 jitter.
• Reduced fractional output divider PCIe 3.0 jitter to 0.09 typical, 0.12 max (ps RMS) and
added new row for PCIe 4.0 jitter.
• Added PCIe sentence to Note 8 and deleted second sentence of Note 6.
29-Sep-2020
In Table 12 changed max VOD from 0.86V to 0.95V, changed min VOD from 0.62V to 0.6V and
changed VCM spec to VOD / 2.
18-Dec-2020
On pages 1 and 5 added PCIe 5 to the lists of PCIe versions.
In Table 15 added new rows for PCIe 5 jitter.
17-Jun-2021
Updated Microsemi wording and branding to Microchip throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com