Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 75 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 75 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 71Page - Microchip Technology ZL30263 Datasheet HTML 72Page - Microchip Technology ZL30263 Datasheet HTML 73Page - Microchip Technology ZL30263 Datasheet HTML 74Page - Microchip Technology ZL30263 Datasheet HTML 75Page - Microchip Technology ZL30263 Datasheet HTML 76Page - Microchip Technology ZL30263 Datasheet HTML 77Page - Microchip Technology ZL30263 Datasheet HTML 78Page - Microchip Technology ZL30263 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
ZL30260-ZL30263
Data Sheet
75
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
XACR3
Register Description:
XA Input Clock Configuration Register 3
Register Address:
302h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
XBCAP[3:0]
XACAP[3:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 4: XB Internal Capacitor Selection (XBCAP[3:0]). Actual internal capacitance on the XB pin in pF is
approximately 6 + XBCAP. See section 5.3.2.
Bits 3 to 0: XA Internal Capacitor Selection (XACAP[3:0]). Actual internal capacitance on the XA pin in pF is
approximately 6 + XACAP. See section 5.3.2.
Register Name:
ICxCR1
Register Description:
Input Clock x Configuration Register 1
Register Address:
IC1: 303h, IC2: 304h, IC3: 305h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
POL
DISMON
VALTIME[2:0]
HSDIV[1:0]
Default
0
0
0
0
0
0
0
0
Bit 6: Input Polarity (POL). This field specifies which input clock edge the APLL will lock to. See section 5.5.1.
0 = Rising edge
1 = Falling edge
Bit 5: Disable Signal Going to the Monitor (DISMON).
0 = ICx signal is provided to the ICx monitor
1 = ICx signal is not provided to the ICx monitor
Bits 4 to 2: Input Validation Time (VALTIME[2:0]). The input clock monitor only declares the input clock valid if it
has no missing edges in the interval specified by this field. See section 5.5.2.
000 = 1 cycle
001 = 4 cycles
010 = 16 cycles
011 = 64 cycles
100 = 256 cycles
101 = 1024 cycles
110 - 111 = {unused values}
Bits 1 to 0: Input Clock High-Speed Divider (HSDIV[1:0]). This field specifies the divide value for the input clock
high-speed divider. See section 5.5.1.
00 = Divide by 1
01 = Divide by 2
10 = Divide by 4
11 = Divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com