Electronic Components Datasheet Search
  English  ▼

X  

ZL30263 Datasheet(PDF) 38 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 38 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 34Page - Microchip Technology ZL30263 Datasheet HTML 35Page - Microchip Technology ZL30263 Datasheet HTML 36Page - Microchip Technology ZL30263 Datasheet HTML 37Page - Microchip Technology ZL30263 Datasheet HTML 38Page - Microchip Technology ZL30263 Datasheet HTML 39Page - Microchip Technology ZL30263 Datasheet HTML 40Page - Microchip Technology ZL30263 Datasheet HTML 41Page - Microchip Technology ZL30263 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
ZL30260-ZL30263
Data Sheet
38
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
OCEN1
Register Description:
Output Clock Enable Register 1
Register Address:
05h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
OC8EN
OC7EN
OC6EN
OC5EN
OC4EN
OC3EN
OC2EN
OC1EN
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Output Clock x Enable (OCxEN). Each of these bits enables and disables the corresponding output
dividers, phase adjustment/alignment circuitry and start/stop circuitry. See section 5.6.1.
0 = Disabled
1 = Enabled
Note: On Rev A devices at least one OCxEN bit must be set for each of the six output banks for proper operation.
These bits should be set at or near the beginning of the configuration sequence.
Register Name:
OCEN2
Register Description:
Output Clock Enable Register 2
Register Address:
06h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
—
—
OC10EN
OC9EN
Default
0
0
0
0
0
0
0
0
See the OCEN1 register description above.
Register Name:
OCMUX1
Register Description:
Output Clock Mux Register 1
Register Address:
07h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
-
-
OCMUXC
OCMUXB
OCMUXA
Default
0
0
0
0
0
0
0
0
Bits 5 to 4: Output Clock Mux C (OCMUXC[1:0]). Controls the high speed output mux for output group C (OC4
and OC5).
00 = APLL Integer divider
01 = APLL Fractional divider or bypass path (specified by ACR1.BYPASS)
10 = {unused value}
11 = Path 2 (see block diagram in Figure 1)
Bits 3 to 2: Output Clock Mux B (OCMUXB[1:0]). Controls the high speed output mux for output group B (OC3).
00 = APLL Integer divider
01 = APLL Fractional divider or bypass path (specified by ACR1.BYPASS)
10 = {unused value}
11 = Path 2 (see block diagram in Figure 1)
Bits 1 to 0: Output Clock Mux A (OCMUXA[1:0]). Controls the high speed output mux for output group A (OC1
and OC2).
00 = APLL Integer divider
01 = APLL Fractional divider or bypass path (specified by ACR1.BYPASS)
10 = {unused value}
11 = Path 2 (see block diagram in Figure 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com