Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 92Page - NXP Semiconductors P5021 Datasheet HTML 93Page - NXP Semiconductors P5021 Datasheet HTML 94Page - NXP Semiconductors P5021 Datasheet HTML 95Page - NXP Semiconductors P5021 Datasheet HTML 96Page - NXP Semiconductors P5021 Datasheet HTML 97Page - NXP Semiconductors P5021 Datasheet HTML 98Page - NXP Semiconductors P5021 Datasheet HTML 99Page - NXP Semiconductors P5021 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
96
2.17.2
JTAG AC timing specifications
This table provides the JTAG AC timing specifications as defined in Figure 28 through Figure 31.
This figure provides the AC test load for TDO and the boundary-scan outputs of the device.
Figure 28. AC test load for the JTAG interface
Table 55. JTAG AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol1
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
033.3
MHz
—
JTAG external clock cycle time
tJTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR/tJTGF
02
ns
—
TRST assert time
tTRST
25
—
ns
2
Input setup times
tJTDVKH
14
—ns
—
Boundary-scan USB only
Boundary-scan except USB
4
TMS
4
TDI
5
Input hold times
tJTDXKH
10
—
ns
—
Output valid times
tJTKLDV
—
Boundary-scan data
15
ns
3
TDO
10
ns
—
Output hold times
tJTKLDX
0—
ns
3
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tJTDVKH symbolizes JTAG device timing
(JT) with respect to the time data input signals (D) reaching the valid state (V) relative to the tJTG clock reference (K) going to
the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG timing (JT) with respect to the time data input signals (D)
reaching the invalid state (X) relative to the tJTG clock reference (K) going to the high (H) state. Note that in general, the clock
reference symbol representation is based on three letters representing the clock of a particular functional. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
3. All outputs are measured from the midpoint voltage of the falling edge of tTCLK to the midpoint of the signal in question. The
output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load. Time-of-flight delays must
be added for trace lengths, vias, and connectors in the system.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com