Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 96Page - NXP Semiconductors P5021 Datasheet HTML 97Page - NXP Semiconductors P5021 Datasheet HTML 98Page - NXP Semiconductors P5021 Datasheet HTML 99Page - NXP Semiconductors P5021 Datasheet HTML 100Page - NXP Semiconductors P5021 Datasheet HTML 101Page - NXP Semiconductors P5021 Datasheet HTML 102Page - NXP Semiconductors P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
100
2.19
GPIO
This section describes the DC and AC electrical characteristics for the GPIO interface.
2.19.1
GPIO DC electrical characteristics
This table provides the DC electrical characteristics for GPIO pins operating at 3.3 V.
This table provides the DC electrical characteristics for GPIO pins operating at LVDD = 2.5 V.
Table 58. GPIO DC electrical characteristics (LVDD or OVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the min and max L/OVIN respective values found in Table 3.
2. The symbol VIN, in this case, represents the L/OVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 59. GPIO DC electrical characteristics (LVDD = 2.5 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.7
—
V
1
Input low voltage
VIL
—0.7
V
1
Input current (VIN = 0 V or VIN = LVDD)IIN
—±40
μA2
Output high voltage
(LVDD = min, IOH = –2 mA)
VOH
2.0
—
V
—
Output low voltage
(LVDD = min, IOH = 2 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max LVIN values found in Table 3.
2. The symbol VIN, in this case, represents the LVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com